Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1541 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Low Power Boost Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV0077 (MP1541)
1.3MHz Low Power
Boost Converter
EVALUATION BOARD - INITIAL RELEASE
06/04, Rev. 1.0
www.MonolithicPower.com
1
Monolithic Power Systems
GENERAL DESCRIPTION
The EV0077 Evaluation Board is designed to
demonstrate the capabilities of MPS’ MP1541.
The MP1541 is a 5-pin thin SOT23 current
mode step up converter intended for small, low
power applications. The MP1541 switches at
1.3MHz and allows the use of tiny, low cost
capacitors and inductors 2mm or less in height.
Internal soft start results in small inrush current
and extends battery life. The MP1541 operates
from an input voltage as low as 2.5V and can
generate 12V at up to 200mA from a 5V supply.
The MP1541 includes under-voltage lockout,
current limiting, and thermal overload protection
to prevent damage in the event of an output
overload. The MP1541 is available in a small
5-pin TSOT23 package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
2.5 – 6
V
Output Voltage
VOUT
12
V
Output Current
IOUT
0.2
A
FEATURES
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.3MHz Fixed Switching Frequency
• Internally Compensated
• Internal Soft Start
• Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
• 12V at 200mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package
APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• External Modems
• Small LCD Displays
• White LED Driver
, “MPS”, “Monolithic Power Systems”, and “The Future of Analog IC
Technology” are Registered Trademarks of Monolithic Power Systems, Inc.
EV0077 EVALUATION BOARD
(2.5”X x 2.5”Y x 0.8”Z)
Board Number
MPS IC Number
EV0077 Rev. A
MP1541
100
95
90
85
80
75
70
65
60
55
50
0
75
150 225 300 375 450
LOAD CURRENT (mA)
EV0077_MP1541_PC01
Efficiency vs Load Current
VIN = 3.3V
VIN = 5V
VIN = 4.2V


Similar Part No. - MP1541

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1541 MPS-MP1541 Datasheet
155Kb / 4P
1.3MHz Low Power LED Torch/Flash Driver
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1541 MPS-MP1541 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MP1541 MPS-MP1541 Datasheet
260Kb / 11P
1.3MHz Boost Converter
9/5/2017 Rev.1.5
MP1541DJ MPS-MP1541DJ Datasheet
209Kb / 5P
MP1541 TFT Applications Evaluation Board
More results

Similar Description - MP1541

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP3213 MPS-MP3213 Datasheet
458Kb / 10P
700KHz/1.3MHz Boost Converter with a 3.5A Switch
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com