Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1519DQL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1519DQL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1519DQL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQL Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EV1519DQL-00A – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV1519DQL-00A Rev. 1.1
www.MonolithicPower.com
3
10/27/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
Figure 3—Bottom Layer
QUICK START GUIDE
1. Solder LED1 – LED3 to the board.
2. Attach the positive and negatives terminals of the power supply (2.5V – 5.5V) to the VIN and
GND pins, respectively.
3. Drive EN high to enable the MP1519DQL. Leave EN disconnected to disable the MP1519DQL.
4. To use burst mode brightness control, drive EN with a PWM signal.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com