Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1519DQL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1519DQL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1519DQL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQL Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EV1519DQL-00A
1x, 1.5x, 2x High Efficiency Charge Pump
3 White LED Driver Evaluation Board
EV1519DQL-00A Rev. 1.1
www.MonolithicPower.com
1
10/27/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The EV1519DQL-00A is an evaluation board for
the MP1519, a fully automatic driver for
powering three white LEDs, with up to 4V
forward voltage, from a single Li-Ion or three
NiMH cells. The driver performs all of the
sensing and control to run the LEDs at an
optimum charge pump ratio for efficiency
without an expensive inductor. The driver
allows PWM operation to support brightness
control.
The tiny 3mm x 3mm QFN16 package and
small external capacitors allow for the most
compact white LED solution available.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
# of WLEDs
3
Input Voltage
VIN
2.5 – 5.5
V
LED Current
ILED
20
mA
FEATURES
• 2% LED Current Matching
• High Efficiency (>93%)
• Current Source Outputs
• No Ballast Resistors Required
• 1x, 1.5x and 2x Automatic Modes
• Constant Frequency Operation
• Automatic LED Detection
• High and Low Frequency PWM Capability
• 2.5V to 5.5V Operation
• Less than 1µA Leakage during Shutdown
• Detects Changes in Battery Level
• No External Schottky Diode Required
• Soft-Start and Soft Switching Operation
APPLICATIONS
• Cell Phones
• PDA or Hand Held Computers
• White LED Application at 3.6V Supply
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV1519DQL-00A EVALUATION BOARD
Dimensions (2.3”X x 1.8”Y x 0.4”Z)
Board Number
MPS IC Number
EV1519DQL-00A
MP1519DQL
100
90
80
70
60
50
40
30
20
10
2.5
3.0
3.5
4.0
4.5
SUPPLY VOLTAGE (V)
MP1519L_EC01
ILED=20mA
ILED=10mA
ILED=5mA
Efficiency vs
Supply Voltage
VLED = 3.23V @ 20mA


Similar Part No. - MP1519DQL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1519DQL MPS-MP1519DQL Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
More results

Similar Description - MP1519DQL

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
logo
Monolithic Power System...
EV0042 MPS-EV0042 Datasheet
185Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver Evaluation Board
EV3011DQ-00A MPS-EV3011DQ-00A Datasheet
159Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver Evaluation Board
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
EV3022DQ-00A MPS-EV3022DQ-00A Datasheet
153Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver Evaluation Board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com