Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA606 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA606
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA606 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA606 Datasheet HTML 1Page - NXP Semiconductors SA606 Datasheet HTML 2Page - NXP Semiconductors SA606 Datasheet HTML 3Page - NXP Semiconductors SA606 Datasheet HTML 4Page - NXP Semiconductors SA606 Datasheet HTML 5Page - NXP Semiconductors SA606 Datasheet HTML 6Page - NXP Semiconductors SA606 Datasheet HTML 7Page - NXP Semiconductors SA606 Datasheet HTML 8Page - NXP Semiconductors SA606 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Philips Semiconductors
Product specification
SA606
Low-voltage high performance mixer FM IF system
1997 Nov 07
5
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
RSSI
IF
AMP
MIXER
QUAD
MINI–CIRCUIT ZSC2–1B
AUDIO
C14
IFT1
C10
C9
C8
C7
C6
X1
R7
30.5
L2
SW3
SW4
SW1
VCC
EXT.
LOC
OSC
44.545
45MHZ
R3
R1
R2
SW2
C3
C4
R4
51.1
C5
C2
C1
L1
R6
178
R8
39.2
”C” WEIGHTED
AUDIO
MEASUREMENT
CIRCUIT
45.06
MHZ
50.5
2430
3880
96.5
32.6
71.5
C24
C22
C20
C19
C18
C15
C16
C17
FLT2
SW7
SW6
SW5
SW8
SW9
C23
C21
R17
2.4k
FLT1
-
25dB,
1500/50
Ω PAD
-
10dB,
50/50
Ω PAD
-
29dB,
929/50
Ω PAD
-
10.6dB,
50/50
Ω PAD
-
36dB,
156k/50
Ω PAD
100pF NPO Ceramic
390pF NPO Ceramic
22pF NPO Ceramic
1nF Ceramic
10.0pF NPO Ceramic
10pF NPO Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
2.2
µF
100nF +10% Monolithic Ceramic
10
µF Tantalum (minimum) *
C21
C23
C27
Flt 1
Flt 2
IFT 1
L1
L2
X1
R9
R17
R10
R11
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
10k
Ω +1%
10k
Ω +1%
2.4k
Ω +5% 1/4W Carbon Composition
2k
Ω +1% 1/4W Metal Film
44.545MHz Crystal ICM4712701
0.8
µH nominal
Toko 292CNS–T1038Z
455kHz (Ce = 180pF) Toko RMC–2A6597H
Ceramic Filter Murata SFG455A3 or equiv
Ceramic Filter Murata SFG455A3 or equiv
2.2
µF +10% Monolithic Ceramic
147–160nH Coilcraft UNI–10/142–04J08S
C1
C2
C5
C6
C7
C8
C9
C10
C12
C14
C15
C17
C18
Automatic Test Circuit Component List
1.3k
51.7
71.5
96.5
32.8
51.5
OSCILLATOR
R12
2k
Ω +1%
R13
20k
Ω +1%
R14
10k
Ω +1%
R9
R12
DEEMPHASIS
FILTER
LIMITER
VREG
SW10
SW11
R11
R13
R10
+ –
+
–
C12
AUDIO
R14
RSSI
16k
R19
C25
100nF +10% Monolithic Ceramic
R18
R19
16k
Ω
R18
3.3k
3.3k
Ω
C26
C26
100nF +10% Monolithic Ceramic
C27
*NOTE: This value can be reduced when a battery is the power source.
SR00349
Figure 3. SA606 45MHz Test Circuit (Relays as shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com