Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA606 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA606
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA606 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA606 Datasheet HTML 2Page - NXP Semiconductors SA606 Datasheet HTML 3Page - NXP Semiconductors SA606 Datasheet HTML 4Page - NXP Semiconductors SA606 Datasheet HTML 5Page - NXP Semiconductors SA606 Datasheet HTML 6Page - NXP Semiconductors SA606 Datasheet HTML 7Page - NXP Semiconductors SA606 Datasheet HTML 8Page - NXP Semiconductors SA606 Datasheet HTML 9Page - NXP Semiconductors SA606 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Philips Semiconductors
Product specification
SA606
Low-voltage high performance mixer FM IF system
1997 Nov 07
6
10
8
7
6
4
3
2
1
5
9
20
19
18
17
16
14
13
12
11
15
RSSI
IF
AMP
MIXER
QUAD
RSSI
OUTPUT
AUDIO
C14
IFT1
C10
C9
C8
C7
C6
X1
L2
VCC
C5
C2
C1
L1
C18
C15
C17
FLT2
C23
C21
R17
2.4k
FLT1
51pF NPO Ceramic
220pF NPO Ceramic
5-30pF trim cap
1nF Ceramic
10.0pF NPO Ceramic
10pF NPO Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
2.2
µF +10% Tantalum
100nF +10% Monolithic Ceramic
10
µF Tantalum (minimum) *
C26
C27
Flt 1
Flt 2
IFT 1
L1
L2
X1
R10
R5
100nF +10% Monolithic Ceramic
2.2
µF Tantalum
Not Used in Application Board (see Note 8, pg 8)
8.2k +5% 1/4W Carbon Composition
44.545MHz Crystal ICM4712701
1.2
µH
Ceramic Filter Murata SFG455A3 or equiv
Ceramic Filter Murata SFG455A3 or equiv
C1
C2
C5
C6
C7
C8
C9
C10
C12
C14
C15
C17
C18
Application Component List
45MHz
INPUT
LIMITER
VREG
OSCILLATOR
+–
+
–
C12
C26
R18
3.3k
R19
11k
C27
R10
R11
10k
10k
C19
C23
390pF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
R11
10k +5% 1/4W Carbon Composition
R17
R18
2.4k +5% 1/4W Carbon Composition
3.3k +5% 1/4W Carbon Composition
R19
11k +5% 1/4W Carbon Composition
NE606D/DK Demo Board
C19
390pF
.33
µH TOKO SCB-1320Z
330
µH TOKO 303LN-1130
C21
100nF +10% Monolithic Ceramic
2.2
µF
* NOTE: This value can be reduced when a battery is the power source.
SR00350
Figure 4. SA606 45MHz Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com