Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFX9130J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFX9130J
Description  10 AMP /100 Volts 300 m廓 P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFX9130J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFX9130J Datasheet HTML 1Page - Solid States Devices, Inc SFX9130J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFX9130J
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
VGS = 0V, ID =0.25 mA
BVDSS
-100
––
––
V
Drain to Source Breakdown Voltage
Temperature Coefficient
VGS = 0V, ID =0.25 mA dBVDSS/dT
––
-0.1
––
V/
oC
Drain to Source On State Resistance
VGS = 10V, ID = 5A, Tj= 25
oC
VGS = 10V, ID = 10A, Tj= 25
oC
RDS(on)
––
––
240
300
300
––
m
Ω
Gate Threshold Voltage
VDS = 5 V, ID = 250µA
VGS(th)
-2.0
––
-4.0
V
Gate to Source Leakage
VGS = ±20V
IGSS
––
5
±100
nA
Zero Gate Voltage Drain Current
VDS = -100V, VGS = 0V, Tj = 25
oC
VDS = -80V, VGS = 0V, Tj = 125
oC
IDSS
––
––
0.01
1
10
100
µA
µA
Forward Transconductance
VDS = 40V, ID = 5A, Tj = 25
oC
gfs
4
5.2
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 80V
ID = 10A
Qg
Qgs
Qgd
––
––
––
30
5.5
1.5
38
––
––
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 10V
VDS = 50V
ID = 10A
RG = 12Ω
td(on)
tr
td(off)
tf
––
––
––
––
15
25
45
25
35
55
100
60
nsec
Diode Forward Voltage
IF = 10A, VGS = 0V
VSD
––
2.00
4.00
V
Diode Reverse Recovery Time
Peak Reverse Recovery Current
Reverse Recovery Charge
IF = 10A, di/dt = 100A/usec
trr
Qrr
––
120
0.55
350
2.5
nsec
µC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
800
160
60
1035
240
90
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
4/ Unless Otherwise Specified, All Electrical Characteristics @25
oC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0013A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com