Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFX9130J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFX9130J
Description  10 AMP /100 Volts 300 m廓 P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFX9130J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFX9130J Datasheet HTML 1Page - Solid States Devices, Inc SFX9130J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-257
SFX9130J
10 AMP /100 Volts
300 m
Ω
P-Channel MOSFET
Features:
•
Rugged construction with polysilicon gate
•
Low ON-resistance and high
transconductance
•
Excellent high temperature stability
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
replacement for IRF9130 types
•
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
-100
V
Gate – Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
10
7
A
Max. Avalanche current
@ L= 5.0 mH
IAR
9.8
A
Repetitive Avalanche Energy
@ L= 5.0 mH
EAR
5.2
mJ
Single Pulse Avalanche Energy
@ L= 5.0 mH
EAS
320
mJ
Total Power Dissipation
@ TC = 25ºC
PD
75
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.65
ºC/W
PACKAGE OUTLINE:
TO-257 (J)
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
PIN 3: GATE
SUFFIX JDB
SUFFIX JUB
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0013A
DOC


Similar Part No. - SFX9130J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFX9130J SSDI-SFX9130J Datasheet
40Kb / 2P
10 AMP /100 Volts 300 mOMH P-Channel MOSFET
More results

Similar Description - SFX9130J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFX9130J SSDI-SFX9130J Datasheet
40Kb / 2P
10 AMP /100 Volts 300 mOMH P-Channel MOSFET
SFF9140-28 SSDI-SFF9140-28 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140 SSDI-SFF9140 Datasheet
219Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140M SSDI-SFF9140M Datasheet
224Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140C SSDI-SFF9140C Datasheet
229Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9130J SSDI-SFF9130J Datasheet
214Kb / 2P
-11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
SFF9130M SSDI-SFF9130M Datasheet
223Kb / 2P
-11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
SFRC9130S.5B SSDI-SFRC9130S.5B Datasheet
154Kb / 2P
10 AMP /100 Volts 300 m廓 Radiation Tolerant P-Channel MOSFET
SFF25P20S2I SSDI-SFF25P20S2I Datasheet
124Kb / 2P
25 AMP / 200 Volts 125 m廓 P-Channel MOSFET
SFF20P10J SSDI-SFF20P10J Datasheet
67Kb / 2P
20 AMP /100 Volts 200 m廓 P-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com