Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA620 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA620
Description  Low voltage LNA, mixer and VCO - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA620 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA620 Datasheet HTML 1Page - NXP Semiconductors SA620 Datasheet HTML 2Page - NXP Semiconductors SA620 Datasheet HTML 3Page - NXP Semiconductors SA620 Datasheet HTML 4Page - NXP Semiconductors SA620 Datasheet HTML 5Page - NXP Semiconductors SA620 Datasheet HTML 6Page - NXP Semiconductors SA620 Datasheet HTML 7Page - NXP Semiconductors SA620 Datasheet HTML 8Page - NXP Semiconductors SA620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA620
Low voltage LNA, mixer and VCO — 1GHz
2
December 15, 1993
853-1725 11658
DESCRIPTION
The SA620 is a combined RF amplifier, VCO
with tracking bandpass filter and mixer
designed for high-performance low-power
communication systems from 800-1200MHz.
The low-noise preamplifier has a 1.6dB noise
figure at 900MHz with 11.5dB gain and an
IP3 intercept of -3dBm at the input. The gain
is stabilized by on-chip compensation to vary
less than
±0.2dB over -40 to +85°C
temperature range. The wide-dynamic-range
mixer has an 9dB noise figure and IP3 of
–6dBm at the input at 900MHz. An external
LO can be used in place of the internal VCO
for improved mixer input IP3 and a 3mA
reduction in current. The chip incorporates a
through-mode option so the RF amplifier can
be disabled and replaced by an attenuator
(S21 = –7.5dB). This is useful for improving
the overall dynamic range of the receiver
when in an overload situation. The nominal
current drawn from a single 3V supply is
10.4mA and 7.2mA in the thru-mode.
Additionally, the VCO and Mixer can be
powered down to further reduce the supply
current to 1.2mA.
FEATURES
• Low current consumption: 10.4mA nominal,
7.2mA with thru-mode activated
• Outstanding noise figure: 1.6dB for the
amplifier and 9dB for the mixer at 900MHz
• Excellent gain stability versus temperature
and supply voltage
• Switchable overload capability
• Independent LNA, mixer and VCO power
down capability
• Internal VCO automatic leveling loop
• Monotonic VCO frequency vs control
voltage
APPLICATIONS
• 900MHz cellular front-end
• 900MHz cordless front-end
• Spread spectrum receivers
• RF data links
• UHF frequency conversion
• Portable radio
PIN CONFIGURATION
DK Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
VCC
LNA GND
LNA OUT
LNA BIAS
MIXER IN
MIXER GND
MIXER BYPASS
MIXER OUT
OSC GND
VCO OUT
LNA ENABLE
LNA GND
LNA IN
LNA GND
LNA GND
OSC GND
MIXER PWRDN
OSC PWRDN
OSC1
OSC2
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (Surface-mount, SSOP)
-40 to +85
°C
SA620DK
1563
BLOCK DIAGRAM
4
3
2
1
5
20
19
18
17
16
7
6
10
9
8
15
14
13
12
11
MIXER
OSC
PWRDN
OSC1
OSC2
VCC
LNA
LNA
BIAS
MIXER
IN
MIXER
GND
MIXER
OUT
OSC
GND
VCO
OUT
LNA
LO
VCO
RF
IF
LNA
ENABLE
LNA
GND
LNA IN
LNA
OSC
GND
AUTOMATIC
LEVELING
LOOP
TRACKING
BANDPASS
FILTER
GND
LNA
OUT
GND
LNA
GND
PWRDN
MIXER
BYPASS


Similar Part No. - SA620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA621DH PHILIPS-SA621DH Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624D PHILIPS-SA624D Datasheet
161Kb / 15P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
More results

Similar Description - SA620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com