Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA620 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA620
Description  Low voltage LNA, mixer and VCO - 1GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA620 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA620 Datasheet HTML 1Page - NXP Semiconductors SA620 Datasheet HTML 2Page - NXP Semiconductors SA620 Datasheet HTML 3Page - NXP Semiconductors SA620 Datasheet HTML 4Page - NXP Semiconductors SA620 Datasheet HTML 5Page - NXP Semiconductors SA620 Datasheet HTML 6Page - NXP Semiconductors SA620 Datasheet HTML 7Page - NXP Semiconductors SA620 Datasheet HTML 8Page - NXP Semiconductors SA620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA620
Low voltage LNA, mixer and VCO — 1GHz
December 15, 1993
4
AC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; Enable = +3V; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
-3
σ
TYP
+3
σ
S21
Amplifier gain
900MHz
10
11.5
13
dB
S21
Amplifier gain in through mode
Enable = 0.4V, 900MHz
-9
-7.5
-6
dB
∆S21/∆T Gain temperature sensitivity in pwr-dwn mode
900MHz
-0.014
dB/
°C
∆S21/∆T Gain temperature sensitivity enabled
900MHz
0.003
dB/
°C
∆S21/∆f
Gain frequency variation
800MHz - 1.2GHz
0.01
dB/MHz
S12
Amplifier reverse isolation
900MHz
-20
dB
S11
Amplifier input match1
900MHz
-10
dB
S22
Amplifier output match1
900MHz
-12
dB
P-1dB
Amplifier input 1dB gain compression
900MHz
-16
dBm
IP3
Amplifier input third order intercept
900MHz
-4.5
-3
-1.5
dBm
NF
Amplifier noise figure
900MHz
1.3
1.6
1.9
dB
tON
Amplifier turn-on time (Enable Lo
→ Hi)
See Figure 1
50
µs
tOFF
Amplifier turn-off time (Enable Hi
→ Lo)
See Figure 1
5
µs
VGC
Mixer voltage conversion gain: RP = RL = 1kΩ,
fS = 0.9GHz, fLO = 0.8GHz,
fIF = 100MHz
14.5
16
17.5
dB
PGC
Mixer power conversion gain: RP = RL = 1kΩ,
fS = 0.9GHz, fLO = 0.8GHz,
fIF = 100MHz
1.5
3
4.5
dB
S11M
Mixer input match1
900MHz
-10
dB
NFM
Mixer SSB noise figure
900MHz
7.5
9
10.5
dB
P-1dB
Mixer input 1dB gain compression
900MHz
-13
dBm
IP3M
Mixer input third order intercept
f2–f1 = 1MHz, 900MHz
-7.5
-6
-4.5
dBm
IP2INT
Mixer input second order intercept
900MHz
12
dBm
PRFM-IF
Mixer RF feedthrough
900MHz
-20
dB
PLO-IF
LO feedthrough to IF
900MHz
-25
dBm
PLO-RFM
LO to mixer input feedthrough
900MHz
-30
dBm
PLO-RF
LO to LNA input feedthrough
900MHz
-45
dBm
PVCO
VCO buffer out
900MHz
-16
dBm
VCO frequency range
300
(min)
1200
(max)
MHz
VCO phase noise
Offset = 60kHz
-105
dBc/Hz
NOTE:
1. Simple L/C elements are needed to achieve specified return loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com