Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 81Page - Exar Corporation XRT79L71 Datasheet HTML 82Page - Exar Corporation XRT79L71 Datasheet HTML 83Page - Exar Corporation XRT79L71 Datasheet HTML 84Page - Exar Corporation XRT79L71 Datasheet HTML 85Page - Exar Corporation XRT79L71 Datasheet HTML 86Page - Exar Corporation XRT79L71 Datasheet HTML 87Page - Exar Corporation XRT79L71 Datasheet HTML 88Page - Exar Corporation XRT79L71 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 434 page
background image
XRT79L71
76
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
Receive DS3 Status Register (Address = 0x1111)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
FERF/RDI
Defect
Declared
RxAIC
RxFEBE[2:0]
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 5
Unused
R/O
4
FERF/RDI Defect
Declared
R/O
FERF/RDI (Far-End Receive Failure/Remote Defect Indica-
tor) Defect Declared Indicator:
This READ-ONLY bit-field indicates whether or not the Receive
DS3/E3 Framer block is currently declaring the FERF/RDI defect
condition, as described below.
0 - The Receive DS3/E3 Framer block is NOT currently declaring
the FERF/RDI defect condition.
1 - The Receive DS3/E3 Framer block is currently declaring the
FERF/RDI defect condition.
NOTE: This bit-field is only active if the XRT79L71 has been
configured to operate in the DS3 Mode.
3
RxAIC
R/O
Receive AIC State:
This READ-ONLY bit-field indicates the current state of the AIC
bit-field within the incoming DS3 data-stream.
0 - Indicates that the Receive DS3/E3 Framer block has received
at least 2 consecutive M-frames that have the AIC bit-field set to
"0".
1 - Indicates that the Receive DS3/E3 Framer block has received
at least 63 consecutive M-frames that have the AIC bit-field set
to "1".
NOTE: This bit-field is only active if the XRT79L71 has been
configured to operate in the DS3 Mode.
2 - 0
RxFEBE[2:0]
R/O
Receive FEBE (Far-End Block Error) Value:
These READ-ONLY bit-fields reflect the FEBE value within the
most recently received DS3 frame. RxFEBE[2:0] = [1, 1, 1] indi-
cates a normal condition. All other values for RxFEBE[2:0] indi-
cates an erred condition at the remote terminal equipment.
NOTE: These bit-fields are only active if the XRT79L71 has been
configured to operate in the DS3, C-bit Parity Framing
format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com