Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation XRT79L71IB Datasheet HTML 67Page - Exar Corporation XRT79L71IB Datasheet HTML 68Page - Exar Corporation XRT79L71IB Datasheet HTML 69Page - Exar Corporation XRT79L71IB Datasheet HTML 70Page - Exar Corporation XRT79L71IB Datasheet HTML 71Page - Exar Corporation XRT79L71IB Datasheet HTML 72Page - Exar Corporation XRT79L71IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 434 page
background image
XRT79L71
60
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
6 - 4
Chunk_Size[2:0]/
TxFIFOPacket Fill
Level[2:0]
Continued
R/W
If the Transmit POS-PHY Interface block is operating in the
Packet Mode
If the user has configured the Transmit POS-PHY Interface block
to operate in the Packet Mode, then these three bit-fields permit
the user to specify the minimum amount of empty space that
must exist (within the TxFIFO) before the Transmit POS-PHY
Interface block will drive the TxPPA output pin "High" when
polled. The following table presents the relationship between the
contents of these three bit-fields and the corresponding amount
of empty space (in terms of bytes) that must exist within the
TxFIFO in order to assert the TxPPA output pin.
3 -2
Transmit POS-PHY Data
Bus Width[1:0]
R/W
Transmit POS-PHY Data Bus Width[1:0]:
These two READ/WRITE bit-fields permit the user to select/
specify the width of the Transmit POS-PHY Data Bus. The fol-
lowing table presents the relationship between the contents
within these two bit-fields and the corresponding width of the
Transmit POS-PHY Data Bus.
BIT NUMBER
NAME
TYPE
DESCRIPTION
TxFIFO Packet
Fill Level[2:0]
000
001
010
011
100
101
11X
Amount of Empty Space Required
(within the TxFIFO) to Assert
TxPPA
4 Bytes
8 Bytes
16 Bytes
32 Bytes
64 Bytes
128 Bytes
Do Not Use
Transmit POS-PHY
Data Bus Width[1:0]
00
01
10
11
Width of Transmit
POS-PHY Data Bus
Inactive
Unused
16 - bits
8 - bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com