| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 71 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 71 Page - Exar Corporation |
|
71 / 434 page ![]() XRT79L71 62 REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION Transmit POS-PHY Interface - Transmit Control Register Byte - 0 (Address = 0x0582) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Runt Packet ABORT Parity Check Enable ODD Parity Transmit_PO S_PHY_Add r[4:0] R/W R/W R/W R/W R/W R/W R/W R/W X X X X X X X X BIT NUMBER NAME TYPE DESCRIPTION 7 Runt Packet ABORT R/W Runt Packet ABORT: This READ/WRITE bit-field permits the user to either enable or disable the RUNT Packet Abort feature. If the user enables this feature, then anytime the Transmit POS- PHY Interface block receives a RUNT packet from the Link Layer Processor, this packet will be transmitted to the remote terminal as an Aborted Packet. NOTE: An example of a RUNT packet being accepted by the Transmit POS-PHY Interface block is whenever the Link Layer Processor asserts the TxPSoP [Start of Packet) indicator multiple times without asserting the TxPEOP (End of Packet) indicator. 0 - Disables the RUNT Packet Abort feature. 1 - Enables the RUNT Packet Abort feature. 6 Parity Check Enable R/W Parity Check Enable This READ/WRITE bit-field permits the user to either enable or disable parity checking of all data that is accepted by the Trans- mit POS-PHY Interface. If the user enables this feature, then the XRT79L71 will compute either the EVEN or ODD parity value (depending upon the set- ting of Bit 5, within this register) of each byte or word that is accepted by the Transmit POS-PHY Interface - Data Bus. The Transmit POS-PHY Interface block will then compare this locally calculated parity value with the state of the TxPPrty input pin. If these two values match, then the Transmit POS-PHY Interface block will presume that it has accepted PPP data from the Link Layer Processor in an un-erred manner. Conversely, if these two values do not match, then the Transmit POS-PHY Interface block will presume that it has accepted PPP data from the Link Layer Processor in an erred manner and it will transmit this PPP Packet as an Aborted Packet. 0 - Disables Parity Checking via the Transmit POS-PHY Inter- face. 1 - Enables Parity Checking via the Transmit POS-PHY Inter- face. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |