| Electronic Components Datasheet Search |
|
XRT84L38 Datasheet(PDF) 70 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT84L38 Datasheet(HTML) 70 Page - Exar Corporation |
|
70 / 453 page ![]() XRT84L38 50 OCTAL T1/E1/J1 FRAMER REV. 1.0.1 a. Perform the initial write operation of the burst access. b. Perform the remaining write operations, of the burst access. c. Terminate the burst access operation. 1.3.2.3.2.2.1 Initial Write Operation The initial write operation of a Motorola-type Write Burst Access is accomplished by executing a Programmed I/O Write Cycle as summarized below. A.0 Execute a Single Ordinary (Programmed I/O) Write cycle, as described in Steps A.1 through A.7 below. A.1 Assert the ALE_AS (Address Strobe) input pin by toggling it "Low". This step enables the Address Bus input drivers (within the Framer). A.2 Place the address of the initial target register or buffer location (within the Framer), on the Address Bus input pins, A[6:0]. A.3 At the same time, the Address-Decoding circuitry (within the user's system) should assert the CS input pin of the Framer by toggling it "Low". This step enables further communication between the µC/µP and the Framer Microprocessor Interface block. A.4 After allowing the data on the Address Bus pins to settle (by waiting the appropriate Address Setup time), the µC/µP should toggle the ALE_AS input pin "High". This step causes the Framer to latch the contents of the Address Bus into its own circuitry. At this point, the initial address of the burst access has now been selected. A.5 Further, the µC/µP should indicate that this current bus cycle is a Write operation by toggling the WR_R/W (R/W) input pin "Low". A.6 The µC/µP should then place the byte or word that it intends to write into the target register, on the bi- directional data bus, D[7:0]. A.7 Next, the µC/µP should initiate the bus cycle by toggling the RD_DS (Data Strobe) input pin "Low". When the XRT84L38 Framer senses that the WR_R/W input pin is "Low", and that the RD_DS input pin has toggled "Low" it will enable the input drivers of the bi-directional data bus, D[7:0]. A.8 After waiting the appropriate amount of time, for this newly placed data to settle on the bi-directional data bus (e.g., the Data Setup time) the Framer will assert the RDY_DTACK (DTACK) output signal. A.9 After the µP/µC detects the RDY_DTACK signal (from the Framer) it should toggle the RD_DS input pin "High". This action accomplishes two things: a. It latches the contents of the bi-directional data bus into the Framer Microprocessor Interface block. b. It terminates the Write cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |