| Electronic Components Datasheet Search |
|
XRT84L38 Datasheet(PDF) 73 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT84L38 Datasheet(HTML) 73 Page - Exar Corporation |
|
73 / 453 page ![]() XRT84L38 53 REV. 1.0.1 OCTAL T1/E1/J1 FRAMER DMA-0 WRITE DMA INTERFACE DMA 0 Controller Interface handles data transfer between external memory and the selected Transmit HDLC Buffer. The DMA cycle starts when the XRT84L38 asserts the REQ0 output pin. The external DMA Controller then responds by asserting the ACK0 input pin. The contents of the Microprocessor Interface bi-directional data bus are latched into the XRT84L38 each time the pWRL (Write Strobe) input pin is strobed “Low”. The XRT84L38 ends the DMA cycle by negating the DMA request input (REQ0) while WR is still active. The external DMA Controller acknowledges the end of DMA Transfer by driving the ACK0 input pin “High”. 1.5 Memory and Register Map This section presents a complete list of the Framer external memory address map and the internal memory map. In addition, the allocations of the three internal storage spaces is depicted. 1.5.1 Memory Mapped I/O Indirect Addressing The XRT84L38 employs a complete indirect addressing approach for the Microprocessor Interface; in order to support multiple channel implementations, maintaining rich user-controlled features, minimizing the total pin count and providing future scalability without sacrificing performance for microcontroller access. Eight address bits are used with the 4 MSB (most significant bits) identifying each of the eight framers channels and the 4 LSBs to address the indirect mapping registers. The XRT84L38 framer has approximately 5,800 addressable spaces internally. If each of these addresses has to be accessed directly, it would require a 13-bit address bus. In order to control total pin count as well as to provide future scalability, the XRT84L38 employs an Indirect Addressing Scheme. Using this technique, only 7 address input pins on the XRT84L38 are needed. The addressable spaces within the XRT84L38 are divided into groups of registers. Each register group consists of a specific number of indirect address registers and a same number of indirect data registers with the exception of LAPD Buffer 0 and 1. Of the 7 total address input bits, the 3 MSB pins are used to identify each of eight T1/E1 framer channels. The remaining 4 LSB bits are used to address the register groups. Table 8 indicates the address mapping of all the register groups within the XRT84L38. Please note that the indirect address registers are with even addresses and the corresponding indirect data registers are with odd addresses with the exception of, again, the LAPD Buffer 0 and 1. The n corresponds to the channel number. FIGURE 16. DMA MODE FOR THE XRT84L38 AND A MICROPROCESSOR REQ[1:0] ACK[1:0] WR RD μPCLK DATA[7:0] Microprocessor XRT84L38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |