Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1528 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1528
Description  9 Lamp, 36V Precision White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1528 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1528 Datasheet HTML 1Page - Monolithic Power Systems MP1528 Datasheet HTML 2Page - Monolithic Power Systems MP1528 Datasheet HTML 3Page - Monolithic Power Systems MP1528 Datasheet HTML 4Page - Monolithic Power Systems MP1528 Datasheet HTML 5Page - Monolithic Power Systems MP1528 Datasheet HTML 6Page - Monolithic Power Systems MP1528 Datasheet HTML 7Page - Monolithic Power Systems MP1528 Datasheet HTML 8Page - Monolithic Power Systems MP1528 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP1528 – 9 LAMP, 36V PRECISION WHITE LED DRIVER
MP1528 Rev. 1.7
www.MonolithicPower.com
6
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
INTERNAL
REGULATOR
& ENABLE
CIRCUIT
UVLO &
THERMAL
SHUTDOWN
330ns
ONE-SHOT
TIMER
FEEDBACK
COMPARATOR
OPEN LOAD
SHUTDOWN
COMPARATOR
CURRENT LIMIT
COMPARATOR
CONTROL
LOGIC &
OUTPUT
DRIVER
--
+
1.2V
FB
MP1528_F01_BD01
GND
SW
0.6V
1.23V
29V
--
+
--
+
--
+
BIAS
EN
BRT
1
2
3
4
5
6
Figure 1—Functional Block Diagram
The MP1528 utilizes a constant off-time control
scheme. For maximum brightness, the BRT pin
is biased at or above 1.2V. Its voltage is routed
through the unity gain buffer whose output is
clamped at 1.2V. A resistor divider from the
buffer to the inverting input of the feedback
comparator divides the BRT voltage by three to
set the current sense threshold. If the FB pin
voltage is lower than this threshold the power
MOSFET is turned on. The MOSFET and
inductor currents increase until the current limit
comparator trips at 950mA, turning off the
MOSFET for at least 330ns. At the end of the
330ns, if the FB pin is still lower than the
current sense threshold, the MOSFET is turned
on again.
Analog Brightness Adjust
Analog
brightness
adjustments
are
accomplished by applying a voltage between
0.27V to 1.2V on the BRT pin.
PWM Brightness Adjust
PWM brightness adjustments are accomplished
by driving the BRT pin with a digital signal
whose low voltage is below 0.18V and high
voltage is greater than 1.2V. A voltage below
0.18V forces the power MOSFET to turn off. A
voltage greater than 1.2V will cause the FB pin
to regulate at 0.4V.
Open Load Shutdown
Open Load Shutdown is implemented by
connecting the BIAS pin to the top of the LED
string. In the fault condition where the
connection to the LED is open, VOUT will rise up,
as the FB pin has no voltage. Once VOUT
exceeds 40V, the MP1528 will cease operation
until the EN pin is cycled off and on. Connecting
the BIAS pin to the input will disable Open Load
Shutdown.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com