Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1528 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1528
Description  9 Lamp, 36V Precision White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1528 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1528 Datasheet HTML 1Page - Monolithic Power Systems MP1528 Datasheet HTML 2Page - Monolithic Power Systems MP1528 Datasheet HTML 3Page - Monolithic Power Systems MP1528 Datasheet HTML 4Page - Monolithic Power Systems MP1528 Datasheet HTML 5Page - Monolithic Power Systems MP1528 Datasheet HTML 6Page - Monolithic Power Systems MP1528 Datasheet HTML 7Page - Monolithic Power Systems MP1528 Datasheet HTML 8Page - Monolithic Power Systems MP1528 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP1528
9 Lamp, 36V Precision White LED Driver
MP1528 Rev. 1.7
www.MonolithicPower.com
1
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1528 is a step-up converter designed
for driving up to nine (9) series White LEDs
(LED) from a single cell Lithium-Ion battery. It
regulates the LED current and includes an
analog input for varying the LED brightness.
The MP1528 uses current limited, variable
frequency architecture to regulate the LED
current while maintaining high efficiency. The
BIAS pin measures the output voltage and turns
off the converter if an over voltage condition is
present to prevent damage due to an open
circuit condition. The LED current is measured
with an external current sense resistor. The low
0.4V full-scale regulation threshold and 0.63Ω
power switch minimize power loss.
The MP1528 is available in an 8 pin MSOP and
a tiny 6 pin 3mm x 3mm QFN packages.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV1528DQ-00A
2.0” x 1.5” x 0.5”
FEATURES
• Drives up to 9 Series White LEDs
• Integrated 0.63Ω Power MOSFET
• Low 0.4V Full-Scale Current Sense Threshold
• Over 20mA Output Current Capacity
• Analog and Digital PWM Brightness Control
• Open Load Shutdown
• Soft-Start
• Internal Current Limit
• Under Voltage Lockout
• Thermal Shutdown
• Available in 8-Pin MSOP and Tiny 3mm x 3mm
6-Pin QFN Packages
APPLICATIONS
• Handheld Computers
• PDAs
• PDA Phones
• Digital and Video Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1528
BRT
GND
EN
FB
SW
BIAS
2
5
6
1
3
4
LED1
LED9
MP1528_TAC01
D1
B160B
VIN
EN
BRT
C3
10nF
100
90
80
70
60
50
40
30
0
5
10
15
20 25
30 35
LED CURRENT (mA)
VIN = 12V
MP1528_EC01
Efficiency vs
LED Current
9 LEDs
7 LEDs
8 LEDs
6 LEDs


Similar Part No. - MP1528

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1528DQ MPS-MP1528DQ Datasheet
167Kb / 3P
9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
More results

Similar Description - MP1528

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
MP1523 MPS-MP1523 Datasheet
140Kb / 7P
Precision 6-Lamp White LED Driver
logo
Seoul Semiconductor
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
WHITE LAMP LED
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
WHITE LAMP LED
LW540AS SEOUL-LW540AS_1 Datasheet
630Kb / 18P
WHITE LAMP LED
logo
Monolithic Power System...
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com