Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT86VL32 Datasheet HTML 35Page - Exar Corporation XRT86VL32 Datasheet HTML 36Page - Exar Corporation XRT86VL32 Datasheet HTML 37Page - Exar Corporation XRT86VL32 Datasheet HTML 38Page - Exar Corporation XRT86VL32 Datasheet HTML 39Page - Exar Corporation XRT86VL32 Datasheet HTML 40Page - Exar Corporation XRT86VL32 Datasheet HTML 41Page - Exar Corporation XRT86VL32 Datasheet HTML 42Page - Exar Corporation XRT86VL32 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
XRT86VL32
36
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
CS
V13
I
-
Microprocessor Interface—Chip Select Input:
The user must assert this active low signal in order to select the
Microprocessor Interface for READ and WRITE operations
between the Microprocessor and the XRT86VL32 on-chip reg-
isters and buffer/memory locations.
RD
V3
I
-
Microprocessor Interface—Read Strobe Input:
The exact behavior of this pin depends upon the type of Micro-
processor/Microcontroller the Framer has been configured to
operate in, as defined by the PTYPE[2:0] pins.
Intel-Asynchronous Mode - RD* - READ Strobe Input:
This input pin will function as the RD* (Active Low Read
Strobe) input signal from the Microprocessor. Once this active-
low signal is asserted, then the XRT86VL32 device will place
the contents of the addressed register (or buffer location) on
the
Microprocessor Interface Bi-directional data bus (D[7:0]).
When this signal is negated, then the Data Bus will be tri-
stated.
Motorola-Asynchronous (68K) Mode - DS* - Data Strobe:
This input pin will function as the DS* (Data Strobe) input sig-
nal.
Power PC 403 Mode - WE* - Write Enable Input:
This input pin will function as the WE* (Write Enable) input pin.
Anytime the Microprocessor Interface samples this active-low
input signal (along with CS* and WR/R/W*) also being asserted
(at a logic low level) upon the rising edge of PCLK, then the
Microprocessor Interface will (upon the very same rising edge
of PCLK) latch the
contents on the Bi-Directional Data Bus (D[7:0]) into the “tar-
get” on-chip register or buffer location within the XRT86VL32
device.
MICROPROCESSOR INTERFACE
SIGNAL NAME
BALL #TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com