Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34IB Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 9Page - Exar Corporation XRT86VL34IB Datasheet HTML 10Page - Exar Corporation XRT86VL34IB Datasheet HTML 11Page - Exar Corporation XRT86VL34IB Datasheet HTML 12Page - Exar Corporation XRT86VL34IB Datasheet HTML 13Page - Exar Corporation XRT86VL34IB Datasheet HTML 14Page - Exar Corporation XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
XRT86VL34
10
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
TxMSYNC0/
TxINCLK0
TxMSYNC1/
TxINCLK1
TxMSYNC2/
TxINCLK2
TxMSYNC3/
TxINCLK3
A10
C17
L17
R12
I/O
12
Multiframe Sync Pulse (TxMSYNCn) / Transmit Input Clock (TxIN-
CLKn)
The exact function of these pins depends on the mode of operation
selected, as described below.
DS1/E1 Base Rate Mode (1.544MHz/2.048MHz) - TxMSYNCn
In this mode, these pins are used to indicate the multi-frame boundary
within an outbound DS1/E1 frame.
In DS1 ESF mode, TxMSYNCn repeats every 3ms.
In DS1 SF mode, TxMSYNCn repeats every 1.5ms.
In E1 mode, TxMSYNCn repeats every 2ms.
If TxMSYNCn is configured as an input, TxMSYNCn must pulse
"High" for one period of TxSERCLK during the first bit of an outbound
DS1/E1 multi-frame. It is imperative that the TxMSYNC input signal
be synchronized with the TxSERCLK input signal.
If TxMSYNCn is configured as an output, the transmit section of the
T1/E1 framer will output and pulse TxMSYNC "High" for one period of
TxSERCLK during the first bit of an outbound DS1/E1 frame.
DS1/E1 High-Speed Backplane Modes* - (TxINCLKn as INPUT
ONLY)
In this mode, TxINCLK0 must be used as the high-speed input clock
pin for the backplane interface to latch in high-speed or multiplexed
data on the TxSERn pin. The frequency of TxINCLK0 is presented in
the table below.
NOTES:
1.
*High-speed
backplane
modes
include
(For
T1/E1)
2.048MVIP, 4.096MHz, 8.192MHz, 16.384MHz HMVIP,
H.100, Bit-multiplexed modes, and (For T1 only) 12.352MHz
Bit-multiplexed mode.
2.
In DS1 high-speed modes, the DS-0 data is mapped into an
E1 frame by ignoring every fourth time slot (don’t care).
3.
These 8 pins are internally pulled “Low” for each channel.
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL#TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION
OPERATION MODE
FREQUENCY OF
TXINCLK0(MHZ)
2.048MVIP non-multiplexed
2.048
4.096MHz non-multiplexed
4.096
8.192MHz non-multiplexed
8.192
12.352MHz Bit-multiplexed
(DS1 ONLY)
12.352
16.384MHz Bit-multiplexed
16.384
16.384 HMVIP Byte-multiplexed
16.384
16.384 H.100 Byte-multiplexed
16.384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com