Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL38IB484 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL38IB484
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38IB484 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL38IB484 Datasheet HTML 17Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 18Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 19Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 20Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 21Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 22Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 23Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 24Page - Exar Corporation XRT86VL38IB484 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
XRT86VL38
18
REV. V1.2.0
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
TxMSYNC0/
TxINCLK0
TxMSYNC1/
TxINCLK1
TxMSYNC2/
TxINCLK2
TxMSYNC3/
TxINCLK3
TxMSYNC4/
TxINCLK4
TxMSYNC5/
TxINCLK5
TxMSYNC6/
TxINCLK6
TxMSYNC7/
TxINCLK7
B10
A17
C24
L24
AC21
AD16
AC8
AF2
A9
B15
E18
K20
U17
AB14
AB3
W5
I/O
12
Multiframe Sync Pulse (TxMSYNCn) / Transmit Input
Clock (TxINCLKn)
The exact function of these pins depends on the mode of
operation selected, as described below.
DS1/E1 Base Rate Mode (1.544MHz/2.048MHz) - TxM-
SYNCn
In this mode, these pins are used to indicate the multi-frame
boundary within an outbound DS1/E1 frame.
In DS1 ESF mode, TxMSYNCn repeats every 3ms.
In DS1 SF mode, TxMSYNCn repeats every 1.5ms.
In E1 mode, TxMSYNCn repeats every 2ms.
If TxMSYNCn is configured as an input, TxMSYNCn must
pulse "High" for one period of TxSERCLK during the first bit of
an outbound DS1/E1 multi-frame. It is imperative that the
TxMSYNC input signal be synchronized with the TxSERCLK
input signal.
If TxMSYNCn is configured as an output, the transmit section
of the T1/E1 framer will output and pulse TxMSYNC "High" for
one period of TxSERCLK during the first bit of an outbound
DS1/E1 frame.
DS1/E1 High-Speed Backplane Modes* - (TxINCLKn as
INPUT ONLY)
In this mode, this pin must be used as the high-speed input
clock pin (TxINCLKn) for the backplane interface to latch in
high-speed or multiplexed data on the TxSERn pin. The fre-
quency of TxINCLK is presented in the table below.
NOTES:
1.
*High-speed backplane modes include (For T1/E1)
2.048MVIP,
4.096MHz,
8.192MHz,
16.384MHz
HMVIP, H.100, Bit-multiplexed modes, and (For T1
only) 12.352MHz Bit-multiplexed mode.
2.
In DS1 high-speed modes, the DS-0 data is mapped
into an E1 frame by ignoring every fourth time slot
(don’t care).
3.
These 8 pins are internally pulled “Low” for each
channel.
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
420 PKG
BALL#
484 PKG
BALL #
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION
OPERATION MODE
FREQUENCY OF
TXINCLK(MHZ)
2.048MVIP non-multiplexed
2.048
4.096MHz non-multiplexed
4.096
8.192MHz non-multiplexed
8.192
12.352MHz Bit-multiplexed
(DS1 ONLY)
12.352
16.384MHz Bit-multiplexed
16.384
16.384 HMVIP Byte-multiplexed
16.384
16.384 H.100 Byte-multiplexed
16.384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com