Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS331N Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # NDS331N
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

NDS331N Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  NDS331N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED NDS331N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED NDS331N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED NDS331N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED NDS331N Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The NDS331N uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 20V ID =2.3 A
RDS(ON) < 60mΩ@ VGS=4.5V
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
NDS331N
SOT-23
A2SHB
3000
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
2.3
A
Drain Current-Pulsed (Note 1)
IDM
16
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
139
℃
/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
PIN2 D
PIN1 G
PIN3 S
SOT-23
N-Channel MOSFET
NDS331N
N-Channel Enhancement Mode MOSFET


Similar Part No. - NDS331N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS331N FAIRCHILD-NDS331N Datasheet
59Kb / 6P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS331N ONSEMI-NDS331N Datasheet
280Kb / 9P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
May, 2021 ??Rev. 7
logo
VBsemi Electronics Co.,...
NDS331N-NL VBSEMI-NDS331N-NL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - NDS331N

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com