Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3826 Datasheet(PDF) 3 Page - EPCOS

Part # B3826
Description  SAW Components Low-loss Filter 570,00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3826 Datasheet(HTML) 3 Page - EPCOS

  B3826 Datasheet HTML 1Page - EPCOS B3826 Datasheet HTML 2Page - EPCOS B3826 Datasheet HTML 3Page - EPCOS B3826 Datasheet HTML 4Page - EPCOS B3826 Datasheet HTML 5Page - EPCOS B3826 Datasheet HTML 6Page - EPCOS B3826 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 10, 2003
SAW Components
B3826
570,00 MHz
Low-Loss Filter
Data Sheet
Characteristics (unbalanced operation)
Operating temperature range:
T
= -10 .. 85 ˚C
Terminating source impedance:
ZS = 440 Ω || 11 nH
Terminating load impedance:
ZL = 237 Ω || 9 nH
min.
typ.
max.
Nominal frequency
fN
—
570,0
—
MHz
Minimum insertion attenuation
α
min
10,0
11,8
12,5
dB
(including matching network 1))
Pass bandwidth
B3,0dB
α
rel ≤ 3,0 dB
4,6
4,8
5,0
MHz
Amplitude ripple (p-p)
∆α
fN ± 1,92 MHz
0,1
0,8
1,5
dB
Absolute Group delay
τ
@
fN
550
620
690
ns
Group delay ripple (p-p)
∆τ
fN ± 1,92 MHz
50
150
300
ns
Adjacent channel selectivity
ACS
21
29
39
dB
Minimum relative attenuation (relative to
α
min)
α
rel
fN ± 3,5 MHz
...
fN ± 5,0 MHz
20
25
40
dB
fN - 5,0 MHz
...
fN - 8,0 MHz
45
47
55
dB
fN - 8,0 MHz
...
fN - 20,0 MHz
48
50
55
dB
fN + 5,0 MHz
...
fN + 7,0 MHz
45
50
55
dB
fN + 7,0 MHz
...
fN + 9,0 MHz
44
45
55
dB
fN + 9,0 MHz
...
fN +10,0 MHz
46
47
55
dB
fN +10,0 MHz
...
fN +20,0 MHz
48
50
55
dB
Intermodulation
IM3
f1 = 569 MHz, input power +1dBm
f2 = 571 MHz, input power +1dBm
@
fN + 3 MHz
-130
-105
-95
dBm
@
fN - 3 MHz
-130
-104
-94
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com