Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3826 Datasheet(PDF) 4 Page - EPCOS

Part # B3826
Description  SAW Components Low-loss Filter 570,00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3826 Datasheet(HTML) 4 Page - EPCOS

  B3826 Datasheet HTML 1Page - EPCOS B3826 Datasheet HTML 2Page - EPCOS B3826 Datasheet HTML 3Page - EPCOS B3826 Datasheet HTML 4Page - EPCOS B3826 Datasheet HTML 5Page - EPCOS B3826 Datasheet HTML 6Page - EPCOS B3826 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
January 10, 2003
SAW Components
B3826
570,00 MHz
Low-Loss Filter
Data Sheet
1) Matching inductor Q=40
2) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
Impedance at fN (without matching)
Input:
ZIN = RIN || CIN
—
244 || 8
—
Ω || pF
Output: ZOUT=ROUT || COUT
—
119 || 12
—
Ω || pF
Temperature coefficient of frequency2)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—30—
˚C
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com