Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9024 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA9024 Datasheet HTML 3Page - NXP Semiconductors SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors SA9024 Datasheet HTML 10Page - NXP Semiconductors SA9024 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
1997 Aug 01
7
Current output variation versus VPH
VPHS in compliance range
–25
25
%
VPH
Charge pump voltage compliance
0.5
VCC–0.5
V
AC ELECTRICAL CHARACTERISTICS
VCC = +3.75 V; TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Modulator
TX O/
Transmit LO input (AC-coupled; 50
Input power
-13
-10
dBm
TXLO 1/2
(
single-ended, 100
Ω differential)
Frequency range
900
1100
MHz
VSWR
2:1
TANK1/2
VCO tank differential inputs
Frequency range
90
180
MHz
÷M
PLL offset divider
Maximum input frequency
180
MHz
XTAL1
Osc. transistor base
Osc. frequency
10
40
MHz
XTAL2
Osc. transistor emitter
Osc. frequency
10
40
MHz
XO
Negative resistance
–100
W
RCLK,
MCLK
Reference buffer output
Frequency range
Output levels
Harmonic content
ZLOAD = 5kΩ| | 7 pF
10
0.7
1.0
40
1.4
–10
MHz
VP–P
dBc
TXEN
Transmit enable
Transmit enable
Transmit disable
TXEN = 1
TXEN = 0
Logic
Q / Q
I / I
Baseband in-phase differential inputs
Maximum frequency
Diff. mod. level
Diff. input impedance
DC bias point
1.8
0.8
10.0
1.8
0.9
VCC/2
1.0
2.55
MHz
VP-P
k
V
TXRF
TXRF operating range
820
920
MHz
DUALTX
DUAL output SE=1, TXEN=1 (with
external matching) (50
Ω)
AMPS/DAMPS
820
853
MHz
DUALTX
Differential output, (DUALTX)
open-collector, matched to 200
differential impedance
Output level (avg. min., I and Q
quad., 0dB VGA)
Gain flatness
+6.0
+10
1
+13.5
dBm
dB
DUALTX
Linearity worst case intermod. products
(0dB VGA OR +6 dBm, whichever is
less, I & Q in-phase)
3rd-order
5th-order
7th-order
-42
-55
-65
-30
-45
-53
dBc
DUALTX
Carrier suppression
(I & Q in quadrature)
VGA = 0dB
VGA = -38dB
-45
-33
-30
dBc
DUALTX
Sideband suppression
(I & Q in quadrature)
-45
-32
dBc
2 to 284 MHz
-45
824 to 849 MHz
-47
dBc
DUALTX
Spurious output
849 to 869 MHz
-45
869 to 894 MHz
-104
dBm
894 to 8490 MHz
-45
dBc
TXLO
-21
DUALTX
TXLO up-conversion products
Upper Side Band
–21
dBc
DUALTX
TXLO u -conversion roducts
TXLO ±3 × TXOFFSET
-36
dBc
Harmonics
≤ 10th
-21
DUALTX
Broad-band noise (0dB VGA or +6 dBm,
whichever is less)
869 to 894 MHz
-123
dBm/Hz
DUAL
Adjacent channel noise power
@30kHz
95
dBc/Hz
DUALTX
Adjacent channel noise power
@ 30 kHz
-95
dBc/Hz
DUALTX
Alternate channel noise power
@ 60 kHz
–101
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com