Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9024 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA9024
Description  900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9024 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA9024 Datasheet HTML 1Page - NXP Semiconductors SA9024 Datasheet HTML 2Page - NXP Semiconductors SA9024 Datasheet HTML 3Page - NXP Semiconductors SA9024 Datasheet HTML 4Page - NXP Semiconductors SA9024 Datasheet HTML 5Page - NXP Semiconductors SA9024 Datasheet HTML 6Page - NXP Semiconductors SA9024 Datasheet HTML 7Page - NXP Semiconductors SA9024 Datasheet HTML 8Page - NXP Semiconductors SA9024 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Philips Semiconductors
Objective specification
SA9024
900 MHz transmit modulator and 1.3 GHz
fractional–N synthesizer
2
1997 Aug 01
DESCRIPTION
This specification defines the requirements for a transmitter
modulator and fractional–N synthesizer IC to be used in cellular
telephones which employ the North American Dual Mode Cellular
System (IS–136).
FEATURES
Low current from 3.75V supply
Low phase noise
Main loop with internal charge pump and fractional compensation
3–line serial interface bus
Power down for the synthesizers
Speedup mode for faster switching
APPLICATIONS
Cellular phones
Portable battery–powered radio equipment.
GENERAL DESCRIPTION
The SA9024 BICMOS device integrates:
Main channel synthesizer
Auxiliary synthesizer
Transmit offset synthesizer and oscillator
I/Q modulator
Power control
Reference and clock buffers
Control logic for programming and power down modes
PIN CONFIGURATION
SR01536
45
46
47
48
1
2
3
4
5
6
7
13 14
15 16 17 18 19
25
26
27
28
29
30
42
43
44
31
32
33
34
35
36
20
21 22 23 24
8
9
10
11
12
39
40
41
37
38
PHP
V
RX
GND
GND
Ipeak
TANK1
XTAL
TX
DATA
CLOCK
LOCK
STROBE
GND
I
Q
CC
V CC
V CC
SA9024
LO1
RXLO2
TXLO1
TXLO2
PHS out
EN
2
Q
I
Figure 1.
Pin Configuration
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
Supply voltage
VCC
3.6
3.75
3.9
V
ICC
Supply current
TBD
mA
ICC_save
Total supply current in power–down
mode
TBD
mA
fVCO
Input frequency
800
1300
MHz
fAUX
Input frequency
10
500
MHz
fXTAL
Crystal reference input frequency
10
40
MHz
fPC
Maximum phase comparator frequency
Main and Aux loops
5
MHz
Tamb
Operating ambient temperature
–40
+85
°C
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SA9024
LQFP48
Plastic low profile quad flat package; 48 leads; body 7x7x1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com