Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4183 Datasheet(PDF) 2 Page - EPCOS

Part # B4183
Description  SAW Components Low-Loss Filter for Mobile Communication 1962,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4183 Datasheet(HTML) 2 Page - EPCOS

  B4183 Datasheet HTML 1Page - EPCOS B4183 Datasheet HTML 2Page - EPCOS B4183 Datasheet HTML 3Page - EPCOS B4183 Datasheet HTML 4Page - EPCOS B4183 Datasheet HTML 5Page - EPCOS B4183 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Apr 28, 2004
SAW Components
B4183
1962,5 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Ceramic package DCC6D
Features
s
Low-loss RF filter for W-CDMA mobile tele-
phone system, transmit path
s
Unbalanced to balanced operation
s
Usable passband 125MHz
s
Ceramic Package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input, unbalanced
1, 3
Input ground
4, 6
Output, balanced
5
To be grounded
1, 3, 5
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4183
B39202-B4183-U510
C61157-A7-A68
V61074-V8089-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 80
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
ESD voltage
V*ESD
50*
V
Machine Model, 10 pulses
Source power
PIN
5
dBm
* -acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com