Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4183 Datasheet(PDF) 4 Page - EPCOS

Part # B4183
Description  SAW Components Low-Loss Filter for Mobile Communication 1962,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4183 Datasheet(HTML) 4 Page - EPCOS

  B4183 Datasheet HTML 1Page - EPCOS B4183 Datasheet HTML 2Page - EPCOS B4183 Datasheet HTML 3Page - EPCOS B4183 Datasheet HTML 4Page - EPCOS B4183 Datasheet HTML 5Page - EPCOS B4183 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Apr 28, 2004
SAW Components
B4183
1962,5 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Characteristics
Operating temperature range:
T
= -30 .. +80˚C
Terminating source impedance:
ZS = 50 Ω || 3.9 nH
Terminating load impedance:
ZL = 200 Ω || 18.0 nH
min.
typ.
max.
Center frequency
fc
—
1962,5
—
MHz
Maximum insertion attenuation
α
max
1900,0
... 2025,0 MHz
—
4,2
4,8
dB
Amplitude ripple (p-p)
∆α
1900,0
... 2025,0 MHz
—
1,8
2,4
dB
Absolute attenuation
α
abs
0,0
... 1600,0 MHz
30
35
—
dB
1600,0
... 1800,0 MHz
16
20
—
dB
1800,0
... 1880,0 MHz
5
10
—
dB
2110,0
... 6000,0 MHz
20
25
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com