Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4649 Datasheet(PDF) 1 Page - EPCOS

Part # B4649
Description  SAW Components Low Loss Filter for Mobile Communication 959,50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4649 Datasheet(HTML) 1 Page - EPCOS

  B4649 Datasheet HTML 1Page - EPCOS B4649 Datasheet HTML 2Page - EPCOS B4649 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAW Components
Data Sheet
B4649
959,50 MHz
Low Loss Filter for Mobile Communication
Preliminary format of data sheet.
Terms of delivery and rights to change design reserved.
OFW EM CP
Page 1 of 3
Nov 12, 1997
Ceramic package DCC6
Features
q
Low loss RF filter for cordless telephone CT1
q
High image frequency suppression
q
No matching network required for operation
at 50
Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4649
B39961-B4649-Z610
C61157-A7-A41
F61074-V8030-Z000
Maximum ratings
Operable temperature range
T
0/+ 55
˚C
Storage temperature range
Tstg
- 40/+ 85
˚C
DC voltage
VDC
0V
Source power
PS
10
dBm
source impedance 50
Ω


Similar Part No. - B4649

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
B4600CN-20 ETC-B4600CN-20 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
B4600CN-60 ETC-B4600CN-60 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
B4600CR-20 ETC-B4600CR-20 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
B4600CR-60 ETC-B4600CR-60 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
More results

Similar Description - B4649

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B4121 EPCOS-B4121 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B4131 EPCOS-B4131 Datasheet
68Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com