Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4649 Datasheet(PDF) 2 Page - EPCOS

Part # B4649
Description  SAW Components Low Loss Filter for Mobile Communication 959,50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4649 Datasheet(HTML) 2 Page - EPCOS

  B4649 Datasheet HTML 1Page - EPCOS B4649 Datasheet HTML 2Page - EPCOS B4649 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAW Components
Data Sheet
B4649
959,50 MHz
Low Loss Filter for Mobile Communication
Preliminary format of data sheet.
Terms of delivery and rights to change design reserved.
OFW EM CP
Page 2 of 3
Nov 12, 1997
Characteristics
Operating temperature range:
T
= 0 ˚C to 55 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
-
959,50
-
MHz
Maximum insertion attenuation
α
max
959,00 ... 960,00 MHz
-
2,8
4,0
dB
Amplitude ripple (p-p)
∆α
959,00 ... 960,00 MHz
-
0,3
2,0
dB
Relative attenuation (relative to
α
max)
α
rel
914,00 ... 937,00 MHz
35,0
45,0
-
dB
980,00 ... 996,00 MHz
10,0
50,0
-
dB
996,00 ... 1003,00 MHz
35,0
50,0
-
dB
Temperature coefficient of frequency
TCf
-
-30
-
ppm/K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com