Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA1502ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA1502ATS
Description  Safety IC for Li-ion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1502ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA1502ATS Datasheet HTML 9Page - NXP Semiconductors SAA1502ATS Datasheet HTML 10Page - NXP Semiconductors SAA1502ATS Datasheet HTML 11Page - NXP Semiconductors SAA1502ATS Datasheet HTML 12Page - NXP Semiconductors SAA1502ATS Datasheet HTML 13Page - NXP Semiconductors SAA1502ATS Datasheet HTML 14Page - NXP Semiconductors SAA1502ATS Datasheet HTML 15Page - NXP Semiconductors SAA1502ATS Datasheet HTML 16Page - NXP Semiconductors SAA1502ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Jan 15
13
Philips Semiconductors
Preliminary specification
Safety IC for Li-ion
SAA1502ATS
Fig.7 Status output current at different charge voltages.
handbook, full pagewidth
MGM313
VST − VVM
(V)
VCC − VVM = 4 V
VCC − VVM = 17.5 V
IST (µA)
0.5
10
40
Fig.8 Current protection delay.
handbook, halfpage
25
25
Ich (A)
15
5
102
10
1
10−1
10−2
10−3
10−4
MGM312
0
5
15
Idch (A)
typ
min
min
max
max
typ
td
(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com