Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA1502ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA1502ATS
Description  Safety IC for Li-ion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1502ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA1502ATS Datasheet HTML 1Page - NXP Semiconductors SAA1502ATS Datasheet HTML 2Page - NXP Semiconductors SAA1502ATS Datasheet HTML 3Page - NXP Semiconductors SAA1502ATS Datasheet HTML 4Page - NXP Semiconductors SAA1502ATS Datasheet HTML 5Page - NXP Semiconductors SAA1502ATS Datasheet HTML 6Page - NXP Semiconductors SAA1502ATS Datasheet HTML 7Page - NXP Semiconductors SAA1502ATS Datasheet HTML 8Page - NXP Semiconductors SAA1502ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Jan 15
2
Philips Semiconductors
Preliminary specification
Safety IC for Li-ion
SAA1502ATS
FEATURES
• Integrated power switches
• Temperature protection
• Zero voltage start-up
• Discharge and charge overcurrent protection
• Automatic release of current protection at removal of
charger or load
• Extremely low current consumption when battery
voltage is lower than 2.3 V
• Low current consumption in normal operation mode
• Accurate voltage detection levels
• Low resistance in current path
• Able to accommodate 17.5 V charge voltage
• Read out of charge disable status
• Small package (SSOP16)
• Low external components count
• Continuous monitoring of the battery voltage and
(dis)charge current.
GENERAL DESCRIPTION
The SAA1502ATS is manufactured in a Bipolar, CMOS
and DMOS (BCD) Power Logic 70 process and is intended
to be used as a protection circuit for single cell Li-ion
battery packs. The current and voltage ratings are
especially designed for use in battery packs for portable
telephones such as GSM.
The circuit monitors the battery voltage, current and
temperature and will disconnect the battery in case of an
overload situation:
• Overdischarge protection prevents deep discharge of
the cell; deep discharge of a Li-ion cell degrades the
lifetime
• Overcharge protection for safety reasons
• Overcurrent protection on charge as well as discharge
current rate
• Temperature protection for preventing charge or
discharge at high temperatures.
It must be stated that the unit is a safety unit to be
integrated inside a battery pack. It is not intended as an
end of charge provision.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA1502ATS
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com