Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5002 Datasheet(PDF) 4 Page - EPCOS

Part # B5002
Description  SAW Components Low-Loss Filter 398,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5002 Datasheet(HTML) 4 Page - EPCOS

  B5002 Datasheet HTML 1Page - EPCOS B5002 Datasheet HTML 2Page - EPCOS B5002 Datasheet HTML 3Page - EPCOS B5002 Datasheet HTML 4Page - EPCOS B5002 Datasheet HTML 5Page - EPCOS B5002 Datasheet HTML 6Page - EPCOS B5002 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Jun 25, 2004
SAW Components
B5002
398,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40 .. +85 ˚C
Terminating source impedance:
ZS =50 Ω unbalanced and matching network
Terminating load impedance:
ZL = 50 Ω unbalanced and matching network
min.
typ.
max.
Nominal frequency
fN
—
398,0
—
MHz
Minimum insertion attenuation
α
min
fN - 7,50 MHz ... fN + 7,50 MHz
—
3,3
4,0
dB
Maximum insertion attenuation (in passband)
α
max
fN - 7,50 MHz ... fN + 7,50 MHz
—
3,8
5,0
dB
Pass bandwidth
α
rel ≤ 1,0 dB
B1,0dB
20
26
—
MHz
Amplitude ripple (p-p)
∆α
fN - 1,92 MHz ... fN + 1,92 MHz
—
0,2
0,5
dB
fN - 7,50 MHz ... fN + 7,50 MHz
—
0,4
1,0
dB
Deviation from linear phase (rms)
∆ϕ
fN - 1,92 MHz ... fN + 1,92 MHz
—
0,1
0,5
˚
fN - 7,50 MHz ... fN + 7,50 MHz
—
1,0
3,0
˚
Relative attenuation (relative to
α
min)
α
rel
100 MHz ... 335 MHz
15
60
—
dB
335 MHz ... 338 MHz
38
60
—
dB
338 MHz ... 365 MHz
15
60
—
dB
365 MHz ... 368 MHz
35
45
—
dB
448 MHz ...
3 GHz
15
45
—
dB
Input return loss (in passband)
fN - 7,50 MHz ... fN + 7,50 MHz
6
8
—
dB
Output return loss (in passband)
fN - 7,50 MHz ... fN + 7,50 MHz
8
10
—
dB
Temperature coefficient of frequency
TCf
—
– 70
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com