Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5002 Datasheet(PDF) 5 Page - EPCOS

Part # B5002
Description  SAW Components Low-Loss Filter 398,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5002 Datasheet(HTML) 5 Page - EPCOS

  B5002 Datasheet HTML 1Page - EPCOS B5002 Datasheet HTML 2Page - EPCOS B5002 Datasheet HTML 3Page - EPCOS B5002 Datasheet HTML 4Page - EPCOS B5002 Datasheet HTML 5Page - EPCOS B5002 Datasheet HTML 6Page - EPCOS B5002 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4
Jun 25, 2004
SAW Components
B5002
398,0 MHz
Low-Loss Filter
Data Sheet
Matching network to 50
Ω
Cp1 = 3,3 pF
Ls3 = 12 nH
Ls2 = 10 nH
Cp4 = 2,2 pF
Element values depend upon board layout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com