Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5029 Datasheet(PDF) 3 Page - EPCOS

Part # B5029
Description  SAW Components Low-Loss Filter 153,6 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5029 Datasheet(HTML) 3 Page - EPCOS

  B5029 Datasheet HTML 1Page - EPCOS B5029 Datasheet HTML 2Page - EPCOS B5029 Datasheet HTML 3Page - EPCOS B5029 Datasheet HTML 4Page - EPCOS B5029 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jul 12, 2005
SAW Components
B5029
153,6 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T=
-10 .. 80 ˚C
Terminating source impedance:
ZS=50 Ω unbalanced and matching network
Terminating load impedance:
ZL=50 Ω unbalanced and matching network
min.
typ.
max.
Nominal frequency
fN
—
153,6
—
MHz
Minimum insertion attenuation
α
min
—
12,5
15,0
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
32
37
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 16 MHz
—
0,6
1,0
dB
Group delay ripple (p-p)
∆τ
fN ± 16 MHz
—
25
100
ns
Absolute Group delay
fN ± 16 MHz
τ
—
0,32
0,6
µs
Phase ripple (rms)
∆ϕ
rms
fN ± 16 MHz
—
1,1
1,5
˚
Phase ripple (p-p)
∆ϕ
p-p
fN ± 16 MHz
—
7
10
˚
Relative attenuation (relative to
α
min)
α
rel
70 MHz
...
115 MHz
40
42
—
dB
115 MHz
...
125 MHz
38
40
—
dB
275 MHz
...
350 MHz
35
45
—
dB
400 MHz
...
1000 MHz
40
47
—
dB
1000 MHz
...
2000 MHz
30
37
—
dB
Input and Output return loss
fN ± 16 MHz
6
6,5
—
dB
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com