Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5029 Datasheet(PDF) 5 Page - EPCOS

Part # B5029
Description  SAW Components Low-Loss Filter 153,6 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5029 Datasheet(HTML) 5 Page - EPCOS

  B5029 Datasheet HTML 1Page - EPCOS B5029 Datasheet HTML 2Page - EPCOS B5029 Datasheet HTML 3Page - EPCOS B5029 Datasheet HTML 4Page - EPCOS B5029 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Jul 12, 2005
SAW Components
B5029
153,6 MHz
Low-Loss Filter
Data Sheet
Matching network to 50
Ω (element values depend on pcb layout)
Ls1 = 47 nH
Rp3 = 560 Ω
Lp2 = 62 nH
Ls4 = 62 nH
Cp5 = 22 pF
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW COM
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.
Ls1
Lp2
Rp3
Ls4
Cp5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com