Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7737 Datasheet(PDF) 2 Page - EPCOS

Part # B7737
Description  SAW Components Low-Loss Filter 915,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7737 Datasheet(HTML) 2 Page - EPCOS

  B7737 Datasheet HTML 1Page - EPCOS B7737 Datasheet HTML 2Page - EPCOS B7737 Datasheet HTML 3Page - EPCOS B7737 Datasheet HTML 4Page - EPCOS B7737 Datasheet HTML 5Page - EPCOS B7737 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Jan 24, 2005
SAW Components
B7737
915,0 MHz
Low-Loss Filter
Data Sheet
Chip Sized SAW Package DCS4H
0,7
2,5
12
4
3
0,1
side view
top view
bottom view
Features
s
Low-loss RF filter for iDEN
s
Low amplitude ripple
s
Usable passband 26 MHz
s
No matching network required for operation at
50
Ω
s
Pb-Free
s
Package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Pin configuration
1
Input
3
Output
2,4
Ground
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B7737
B39921-B7737-K710
C61157-A7-A136
F61074-V8189-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
ESD voltage
V*ESD
100*
V
Machine Model, 10 pulses.
Source power (cw)
PS
0
dBm
Souce and load impedance 50
Ω.
2
3
1
4
Dimensions in mm, approx. weight 0,015g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com