Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7737 Datasheet(PDF) 3 Page - EPCOS

Part # B7737
Description  SAW Components Low-Loss Filter 915,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7737 Datasheet(HTML) 3 Page - EPCOS

  B7737 Datasheet HTML 1Page - EPCOS B7737 Datasheet HTML 2Page - EPCOS B7737 Datasheet HTML 3Page - EPCOS B7737 Datasheet HTML 4Page - EPCOS B7737 Datasheet HTML 5Page - EPCOS B7737 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 24, 2005
SAW Components
B7737
915,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
915,0
—
MHz
Maximum insertion attenuation
α
max
902,0
... 928,0
MHz
—
2,0
2,5
dB
Amplitude ripple (p-p)
∆α
902,0
... 928,0
MHz
—
0,6
1,0
dB
Group delay ripple (p-p)
∆τ
902,0
... 928,0
MHz
—
15
50
ns
Return loss (Input and Output)
902,0
... 928,0
MHz
12,0
14,0
—
dB
Absolute attenuation
α
abs
0,1
... 702,0
MHz
50
64
—
dB
738,0
... 764,0
MHz
49
62
—
dB
820,0
... 846,0
MHz
42
60
—
dB
990,0
...1010,0
MHz
42
60
—
dB
1072,0
...1092,0
MHz
49
54
—
dB
1128,0
...1804,0
MHz
45
50
—
dB
1804,0
...1856,0
MHz
40
51
—
dB
1856,0
...3000,0
MHz
30
40
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com