Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL314 Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 67Page - Exar Corporation XRT83SL314 Datasheet HTML 68Page - Exar Corporation XRT83SL314 Datasheet HTML 69Page - Exar Corporation XRT83SL314 Datasheet HTML 70Page - Exar Corporation XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation XRT83SL314 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
68
TABLE 48: MICROPROCESSOR REGISTER 0XE7H BIT DESCRIPTION
D2
BYTEsel
LCV Counter Byte Select
This bit is used to select the MSB or LSB for Reading the contents
of the LCV counter for a given channel. The channel is addressed
by using bits D[3:0] in register 0xE5h. By default, the LSB byte is
selected.
0 = Low Byte
1 = High Byte
R/W
0
D1
chUPDATE LCV Counter Update Per Channel
This bit is used to latch the contents of the counter for a given
channel into a holding register so that the value of the counter can
be read. The channel is addressed by using bits D[3:0] in register
0xE5h.
0 = Normal Operation
1 = Updates the Selected Channel
R/W
0
D0
Reserved
LCV Counter Reset Per Channel
This bit is used to reset the LCV counter of a given channel to its
default state 0000h. The channel is addressed by using bits D[3:0]
in register 0xE5h. This bit must be set to "1" for 1
µS.
0 = Normal Operation
1 = Resets the Selected Channel
R/W
0
GLOBAL REGISTER (0XE7H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
0
D6
Reserved
This Register Bit is Not Used
R/W
0
D5
Reserved
This Register Bit is Not Used
R/W
0
D4
Reserved
This Register Bit is Not Used
R/W
0
D3
Reserved
This Register Bit is Not Used
R/W
0
D2
Reserved
This Register Bit is Not Used
R/W
0
D1
Reserved
This Register Bit is Not Used
R/W
0
D0
Reserved
This Register Bit is Not Used
R/W
0
GLOBAL REGISTER (0XE6H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com