Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL314 Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation XRT83SL314 Datasheet HTML 75Page - Exar Corporation XRT83SL314 Datasheet HTML 76Page - Exar Corporation XRT83SL314 Datasheet HTML 77Page - Exar Corporation XRT83SL314 Datasheet HTML 78Page - Exar Corporation XRT83SL314 Datasheet HTML 79Page - Exar Corporation XRT83SL314 Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
73
TABLE 53: E1 ARBITRARY SELECT
D4
GCHIS12
Global Channel Interrupt Status for Channel 12
0 = No interrupt activity from channel 12
1 = Interrupt was generated from channel 12
RUR
0
D3
GCHIS11
Global Channel Interrupt Status for Channel 11
0 = No interrupt activity from channel 11
1 = Interrupt was generated from channel 11
RUR
0
D2
GCHIS10
Global Channel Interrupt Status for Channel 10
0 = No interrupt activity from channel 10
1 = Interrupt was generated from channel 10
RUR
0
D1
GCHIS9
Global Channel Interrupt Status for Channel 9
0 = No interrupt activity from channel 9
1 = Interrupt was generated from channel 9
RUR
0
D0
GCHIS8
Global Channel Interrupt Status for Channel 8
0 = No interrupt activity from channel 8
1 = Interrupt was generated from channel 8
RUR
0
E1 ARBITRARY SELECT REGISTER (0XF4H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D[7:1]
Reserved
D0
E1arben
E1 Arbitrary Pulse Enable
This bit is used to enable the Arbitrary Pulse Generators for shap-
ing the transmit pulse shape when E1 mode is selected. If this bit
is set to "1", all 14 channels will be configured for the Arbitrary
Mode. However, each channel is individually controlled by pro-
gramming the channel registers 0xn8 through 0xnF, where n is the
number of the channel.
"0" = Disabled (Normal E1 Pulse Shape ITU G.703)
"1" = Arbitrary Pulse Enabled
R/W
0
GLOBAL REGISTER (0XEBH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com