Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2363 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2363 Datasheet HTML 1Page - RF Micro Devices RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-350
RF2363
Rev B3 040114
RF2363 Theory of Operation and Application Information
The RF2363 contains two independent low noise
amplifiers which have been optimized for dual-band
applications in the GSM (905MHz to 960MHz) and
DCS (1805MHz to 1880MHz) frequency bands. Fabri-
cated using heterojunction bipolar transistor (HBT)
technology, the RF2363 delivers high linear gain at a
very low noise figure and low power consumption.
Internal temperature compensation keeps the gain
tightly controlled over temperature extremes (typically
less than 1dB of gain variation from -40°C to +85°C at
2.8V). A 50
Ω input impedance allows the part to be
connected to standard receiver front end filters without
additional matching components.
MODE CONTROL
The RF2363 incorporates two enable pins (EN1 and
EN2) for biasing the desired LNA according to the table
below.
900MHz LNA
The 900MHz LNA is a single-stage, common emitter
amplifier. Since the input pin contains a DC bias, an AC
coupling capacitor is required at this pin. An external
bias inductor from the output pin (RF OUT1) to VCC
provides DC biasing for the amplifier transistor and
assists in matching the output impedance to the next
receiver stage. A capacitor having a good RF bypass
characteristic at the frequency of operation should be
placed as close as possible to the supply voltage side
of the bias inductor; a low frequency bypass capacitor
should also be included. The EN1 pin supplies VCC to
the bias circuits of the LNA and should also be effec-
tively bypassed with both low and high frequency
capacitors.
1900MHz LNA
The 1900MHz LNA is implemented by two common
emitter stages in cascade. The first stage is biased
through an external inductor at the EN2 pin. This
inductor also acts as an interstage match; a resistor in
parallel with the inductor is recommended to 'de-Q' the
inductor, thus providing a broader band interstage
match. An external bias inductor from the output pin
(RF OUT2) to VCC provides DC biasing for the second
stage transistor and assists in matching the output
impedance to the next receiver stage. Low and high
frequency bypass capacitors should be used on the
supply side of both the EN2 and RF OUT2 bias induc-
tors. An AC coupling capacitor is required at the RF
IN2 pin.
LAYOUT CONSIDERATIONS
To provide optimal balance of gain and linearity, a
small amount of inductance is required in the ground
traces of the PCB. The recommended inductance is
between 0.5 and 1.0nH, with 0.75nH used on the Eval-
uation Board. Depending on the application, more gain
with less linearity or more linearity with less gain may
be desired. Appropriate adjustment of the ground
inductance can accomplish these objectives. Minimiz-
ing the ground inductance will maximize the gain at the
expense of linearity while increasing the ground induc-
tance will increase the linearity at the expense of gain.
It is important to remember that the pin 7 ground induc-
tance affects the performance of both LNAs, while the
pin 2 ground inductance affects only the 1900MHz
LNA.
EN1
EN2
Mode
GND
GND
Power Down
GND
VCC
1900MHz LNA On
VCC
GND
900MHz LNA On



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com