Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2363 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2363 Datasheet HTML 1Page - RF Micro Devices RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-351
RF2363
Rev B3 040114
Application Schematic (GSM/DCS)
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
22 nF
22 nF
1 pF
2 pF
12 nH
RF OUT
RF OUT2
100 pF
10 nF
V
CC
RF IN1
RF IN2
3.3 nH
47 pF
10 nF
V
CC
3.9 nH
47 pF
10 nF
100 pF
10 nF
EN2
EN1
5
6
7
8
1
2
3
4
1 k
Ω
Note orientation of
package in this schematic.
C1
22 nF
C2
22 nF
C6
1 pF
C5
2 pF
L3
12 nH
C3
100 pF
C4
10 nF
L2
3.3 nH
C7
47 pF
C8
10 nF
L1
3.9 nH
C11
47 pF
C12
10 nF
C10
100 pF
C9
10 nF
EN2
EN1
R1
1 k
Ω
50
Ω μstrip
J1
RF OUT
VCC
50
Ω μstrip
J2
RF OUT
VCC
50
Ω μstrip
J3
RF IN2
50
Ω μstrip
J4
RF IN1
5
6
7
8
1
2
3
4
U1
P1-1
EN2
GND
P1-3
EN1
P1-4
VCC
P1
1
2
3
4
CON4
P2
1
2
CON2
GND
P2-1
VCC
0.75nH
0.75nH
Note orientation of
package in this schematic.
Notes:
Ground traces on pins 2 and 7 are equivalent to a small
amount of inductance (-1 nH). The dimensions of these
lines are as follows.
Pin 2: L = 56 mils, W = 15 mils, H = 31 mils
Pin 7: L = 56 mils, W = 15 mils, H = 31 mils
Dielectric is FR-4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com