Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2364 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices RF2364 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-364
RF2364
Rev A5 020827
Gain versus VCC
VPD=2.8V, Frequency=1960MHz
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
IIP3 versus VCC
VPD=2.8V, Frequency=1960MHz
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
Noise Figure versus VCC
VPD=2.8V, Frequency=1960MHz
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
NF, -30º
NF, 25º
NF, 85º
Input P1dB versus VCC
VPD=2.8V, Frequency=1960MHz
-8.9
-8.8
-8.7
-8.6
-8.5
-8.4
-8.3
-8.2
-8.1
-8.0
-7.9
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
P1dB, -30º
P1dB, 25º
P1dB, 85º
ICC versus VCC
VPD=2.8V, Frequency=1960MHz
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
9.2
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º
Gain versus VPD
VCC=3.0V, Frequency=1960MHz
15.50
16.00
16.50
17.00
17.50
18.00
18.50
19.00
2.70
2.75
2.80
2.85
2.90
VPD (V)
Gain, -30º
Gain, 25º
Gain, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com