Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2364 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2364 Datasheet HTML 1Page - RF Micro Devices RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-357
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
4GND2
RF OUT
5
3
VPD
2
GND1
1
RF IN
RF2364
3V PCS LOW NOISE AMPLIFIER
• CDMA PCS LNA
• TDMA PCS LNA
• W-CDMA/CDMA2000 LNA
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2364 is a low noise amplifier with a high dynamic
range designed for CDMA and TDMA PCS, as well as
W-CDMA/CDMA2000 applications. The device functions
as an outstanding front end low noise amplifier and the
bias current can be set externally. The IC includes a
power down feature used to completely turn-off the
device and is featured in a standard SOT 5-lead plastic
package.
• Low Noise and High Intercept Point
•18dB Gain
• Power Down Control
• Single 3.0V Power Supply
• PCS and W-CDMA Band Operation
• 1.8GHz to 2.5GHz Operation
RF2364
3V PCS Low Noise Amplifier
RF2364 PCBA
Fully Assembled Evaluation Board
0
Rev A5 020827
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5-Lead


Similar Part No. - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
More results

Similar Description - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com