Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2377 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2377
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2377 Datasheet HTML 1Page - RF Micro Devices RF2377 Datasheet HTML 2Page - RF Micro Devices RF2377 Datasheet HTML 3Page - RF Micro Devices RF2377 Datasheet HTML 4Page - RF Micro Devices RF2377 Datasheet HTML 5Page - RF Micro Devices RF2377 Datasheet HTML 6Page - RF Micro Devices RF2377 Datasheet HTML 7Page - RF Micro Devices RF2377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-438
RF2377
Rev A11 020607
W-CDMA ACPR versus VGC at Various
Maximum Output Powers; VCC = 2.8 V, Freq = 1950 MHz
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGC (V)
Max Pout=+2dBm
Max Pout=+3dBm
Max Pout=+4dBm
Max Pout=+6dBm
Max Pout=+8dBm
Note: Below VGC=~0.9V,
test equipment noise floor inhibits
accurate ACP measurement
Gain versus VGC over Temperature
W-CDMA Board; VCC = 2.8V, Freq = 1950 MHz
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGC (V)
T = -20°C
T = +25°C
T = +85°C
ICC versus VGC over Temperature
W-CDMA Board; VCC = 2.8V, Freq = 1950 MHz
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGC (V)
T = -20°C
T = +25°C
T = +85°C
SWR versus VGC
W-CDMA Board; VCC = 2.8 V, Freq = 1950 MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGC (V)
Input
Output
Noise Figure versus VGC
W-CDMA Board; VCC = 2.8 V, Freq = 1950 MHz
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGC (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com