Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2377 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2377
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2377 Datasheet HTML 1Page - RF Micro Devices RF2377 Datasheet HTML 2Page - RF Micro Devices RF2377 Datasheet HTML 3Page - RF Micro Devices RF2377 Datasheet HTML 4Page - RF Micro Devices RF2377 Datasheet HTML 5Page - RF Micro Devices RF2377 Datasheet HTML 6Page - RF Micro Devices RF2377 Datasheet HTML 7Page - RF Micro Devices RF2377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-431
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
6
5
4
VCC
GND
RF IN
RF OUT
GND
GC
ATT
ATT
RF2377
PCS/CELLULAR TDMA/CDMA/W-CDMA
LINEAR VARIABLE GAIN AMPLIFIER
• CDMA PCS/Cellular Handsets
• TDMA PCS/Cellular Handsets
• W-CDMA Handsets
The RF2377 is a linear variable gain amplifier suitable for
use in TDMA and CDMA systems in the cellular or PCS
band and for W-CDMA systems. The features of this
device include linear gain control, high gain, and high lin-
earity. The IC is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (GaAs HBT)
process and is featured in an industry-standard miniature
6-lead plastic SOT package.
• 50dB Linear Gain Control Range
• 24dB Maximum Gain
• Single 2.7V to 3.3V Supply
• 45mA Supply Current
• High Linearity
RF2377
PCS/Cellular TDMA/CDMA/W-CDMA Linear Vari-
able Gain Amplifier
RF2377-410 PCBAFully Assembled Evaluation Board, PCS
RF2377-411 PCBAFully Assembled Evaluation Board, W-CDMA
0
Rev A11 020607
0.10
MAX.
0.90
0.70
1.30
1.00
1.90
3.10
2.70
0.50
0.35
3.00
2.60
1.80
1.40
9°
1°
0.25
0.10
0.37 MIN.
Shaded lead is pin 1.
Dimensions in mm.
*When Pin 1 is in upper left,
text reads downward
(as shown).
Package Style: SOT23-6


Similar Part No. - RF2377

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377-410PCBA RFMD-RF2377-410PCBA Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377-411PCBA RFMD-RF2377-411PCBA Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2377

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com