Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203ECY Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3203ECY
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203ECY Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3203ECY Datasheet HTML 3Page - Sipex Corporation SP3203ECY Datasheet HTML 4Page - Sipex Corporation SP3203ECY Datasheet HTML 5Page - Sipex Corporation SP3203ECY Datasheet HTML 6Page - Sipex Corporation SP3203ECY Datasheet HTML 7Page - Sipex Corporation SP3203ECY Datasheet HTML 8Page - Sipex Corporation SP3203ECY Datasheet HTML 9Page - Sipex Corporation SP3203ECY Datasheet HTML 10Page - Sipex Corporation SP3203ECY Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date: 03/01/05
SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD
© Copyright 2005 Sipex Corporation
Figure 8. SP3203E Typical Operating Circuit
SP3203E
1
3
5
4
2
6
19
GND
T
1IN
T
2IN
C1+
C1-
C2+
C2-
V+
V-
VCC
7
8
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
17
16
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
+3V to +5.5V
18
5KΩ
R
1OUT
11
14
5KΩ
R
2IN
R
2OUT
10
13
TTL/CMOS
OUTPUTS
R
1IN
T
2OUT
T
1OUT
Shutdown
20
12
VL
T
3IN
9
15
T
3OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com