Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203ECY Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3203ECY
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203ECY Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3203ECY Datasheet HTML 5Page - Sipex Corporation SP3203ECY Datasheet HTML 6Page - Sipex Corporation SP3203ECY Datasheet HTML 7Page - Sipex Corporation SP3203ECY Datasheet HTML 8Page - Sipex Corporation SP3203ECY Datasheet HTML 9Page - Sipex Corporation SP3203ECY Datasheet HTML 10Page - Sipex Corporation SP3203ECY Datasheet HTML 11Page - Sipex Corporation SP3203ECY Datasheet HTML 12Page - Sipex Corporation SP3203ECY Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Date: 03/01/05
SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD
© Copyright 2005 Sipex Corporation
consists of a regulated dual charge pump that
provides output voltages of 5.5V regardless of
the input voltage (VCC) over the +3.0V to +5.5V
range. This is important to maintain compliant
RS-232 levels regardless of power supply
fluctuations.
The charge pump operates in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a of 5.5V, the charge
pump is enabled. If the output voltages exceed
a of 5.5V, the charge pump is disabled. This
oscillator controls the four phases of the voltage
shifting (Figure 12). A description of each phase
follows.
VSS Charge Storage-Phase 1(Figure 13)
During this phase of the clock cycle, the positive
side of capacitors C1 and C2 are initially charged
to VCC. Cl+ is then switched to GND and the
charge in C1– is transferred to C2–. Since C2+ is
connected to VCC, the voltage potential across
capacitor C2 is now 2 times VCC.
Table 1. SHUTDOWN Truth Table.
(Note: When device in shutdown, the SP3203E's charge pump is turned off
and V+ decays to V
CC. V- is pulled to ground and the transmitter outputs
are disabled as High Impendance).
Figure 9. Loopback Test Circuit for RS-232 Driver Data
Transmission Rates
VSS Transfer-Phase 2 (Figure 14)
Phase two of the clock connects the negative
terminal of C2 to the VSS storage capacitor and
the positive terminal of C2 to GND. This
transfers a negative generated voltage to C3.
This generated voltage is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage
to C3, the positive side of capacitor C1 is
switched to VCC and the negative side is
connected to GND.
VDD Charge Storage-Phase 3 (Figure 15)
The third phase of the clock is identical to the
first phase — the charge transferred in C1 pro-
Figure 10. Loopback Test Circuit Result at 120Kbps
(All Drivers Fully Loaded)
Figure 11. Loopback Test Circuit result at 250Kbps
(All Drivers Fully Loaded)
SP3203E
1
3
5
4
2
6
19
GND
T
1IN
T
XIN
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
20
5KΩ
R
1OUT
5KΩ
R
XIN
R
XOUT
TTL/CMOS
OUTPUTS
R
1IN
T
XOUT
T
1OUT
VCC
1000pF
1000pF
12
V L
+3V to +5.5V
Ch1
Ch3
3
1
2
T
T
T
T
[]
T1 IN
T1 OUT
R1 OUT
5.00V
Ch2 5.00V M 5.00µs Ch1
0V
5.00V
3
1
2
T
T
T
T
[]
T1 IN
T1 OUT
R1 OUT
Ch1
Ch3
5.00V
Ch2 5.00V M 2.50µs Ch1
0V
5.00V
E
3
0
2
3
P
S
:
E
C
I
V
E
D
N
W
O
D
T
U
H
ST
X
T
U
OR
X
T
U
Oe
g
r
a
h
C
p
m
u
P
0Z
-
h
g
i
HZ
-
h
g
i
He
v
i
t
c
a
n
I
1e
v
i
t
c
Ae
v
i
t
c
Ae
v
i
t
c
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com