Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
5-40
RF2483
Rev A8 060203
Pin
Function
Description
Interface Schematic
13
QSIG P
Quadrature Q channel positive baseband input port.
Best performance is achieved when the ISIGP and ISIGN are driven
differentially. The recommended CW differential drive level (VQSIGP-
VQSIGN) is 800mVP-P.
This input should be DC-biased at 1.2V±0.05V. The common-mode
DC voltage on the QSIGP and QSIGN input signals is used to bias the
modulator. In sleep mode an internal FET switch is opened, the input
goes high impedance and the modulator is de-biased. The input imped-
ance is typically 5.5k
Ω at low frequencies and at higher frequencies
can be modeled as 50
Ω in series with 12pF to ground.
Phase or amplitude errors between the QSIGP and QSIGN signals
which may result in an increase in the even order distortion of the mod-
ulation in the output spectrum.
DC offsets between the QSIGP and QSIGN signals will result in an
increased carrier leakage. Small DC offsets may be deliberately
applied between the ISIGP/ISIGN and QSIGP/QSIGN inputs to cancel
out the LO leakage. The optimum corrective DC offsets will change with
mode, frequency and gain control.
Common-mode noise on the QSIGP and QSIGN should be kept low as
it may degrade the noise performance of the modulator.
Phase offsets may be applied between the I and Q channels to improve
the sideband suppression performance.
14
VREF
Voltage reference decouple with an external 10nF capacitor to ground.
The voltage on this pin is typically 1.67V when the chip is enabled. The
voltage is 0V when the chip is powered down.
The purpose of this decoupling capacitor is to filter out low frequency
noise (20MHz) on the gain control lines.
Poor positioning of the VREF decoupling capacitor can cause a degra-
dation in LO leakage.
A voltage of around 2.5V on this pin indicates that the die flag under
the chip is not grounded and the chip is not biased correctly.
15
GC DEC
Voltage reference decouple with an external 1nF decoupling capacitor
to ground.
The voltage on this pin is a function of gain control (GC) voltage when
the chip is enabled. The voltage is 0V when the chip is powered down.
The purpose of this decoupling capacitor is to filter out low frequency
noise (20MHz) on the gain control lines. The size of the capacitor on
the GC DEC line will effect the settling time response to a change in
gain control voltage. A 1nF capacitor equates to around 200ns settling
time and a 0.5nF capacitor equates to a 100ns settling time. There is a
trade-off between settling time and noise contributions by the gain con-
trol circuitry as gain control is applied.
Poor positioning of the VREF decoupling capacitor can cause a degra-
dation in LO leakage.
16
GC
Gain control voltage. Maximum output power at 2.0V. Minimum output
power at 0V. When the chip is enabled the input impedance is 10k
Ω
referenced to 1.7VDC. When the chip is powered down a FET switch is
opened and the input goes high impedance.
17
RF OUT LB RF low band output. Open collector output.
The output should be biased at VCC through an inductor that can be
used to form part of an output matching circuit.
In our proposed applications circuit some power is dissipated in R6
(130
Ω) which appears as a de-Qing resistor in parallel with the output
inductor L4. If R6 is eliminated and the RFOUT LB pin is re-matched to
50
Ω it is possible to get approximately 5dB extra power out of the
device in low band mode.
18
GND2
Ground for RF output sections.
V
CC2
12 pF
50
Ω
4 k
Ω
V
CC2
+
-
4 k
Ω
V
CC2
+
-
V
CC2
1.7 V
10 k
Ω
4 k
Ω
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com