Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2483 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices RF2483 Datasheet HTML 12Page - RF Micro Devices RF2483 Datasheet HTML 13Page - RF Micro Devices RF2483 Datasheet HTML 14Page - RF Micro Devices RF2483 Datasheet HTML 15Page - RF Micro Devices RF2483 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
5-42
RF2483
Rev A8 060203
Application Notes
The baseband inputs must be driven with balanced differential signals. We suggest amplitude and phase matching
<0.5dB and <0.5°. Phase or gain imbalances between the complementary input signals will cause additional distortion
including some second order baseband distortion.
The common-mode voltage on the baseband inputs should be well controlled at 1.2V. We suggest that the common-
mode DC voltage be 1.2V+0.05V. The common-mode DC voltage is used to bias the modulator; hence, deviations from
1.2V will result in changes in the current consumption, noise and intermodulation performance.
The chip is designed to be driven with a single-ended LO signal.
The GC DEC and VREF output pins should be decoupled to ground. We recommend a 10nF capacitor on VREF, and a
1nF capacitor on GC DEC. The purpose of this capacitor is to filter out low frequency noise (20MHz) in the gain control
lines, which may cause noise on the RF signal. The capacitor on the GC DEC line will effect the settling time response to
a change in power control voltage. A 1nF capacitor equates to around a 200ns settling time, and a 0.5nF capacitor
equates to a 100ns settling time. There is a trade-off between settling time and phase noise as you start to apply gain
control.
The ground lines for the LO sections, GNDLO and GND1, are brought out of the chip independently from the ground to
the RF and modulator sections. This isolates the LO signals from the RF output sections.
The GND LO pin is effectively the complementary LO input for both the high band and low band LO signals. It has signif-
icant amounts of LO signal flowing through it. This is brought out as an independent ground to try to enable the PCB
board designer to isolate the LO return from the RF output sections and general chip ground.
The RF output ports of the RF2483 consist of open collector architecture and require pull up inductors to the supply volt-
age. This, in conjunction with a DC blocking capacitor provides a simple, broadband L-match network as shown in the
schematic diagram. A shunt resistor is included to control the Q of the matching network and set the modulator output
power. In this case, both outputs were designed to provide 0dBm.
An alternate output match containing a third harmonic trap was evaluated. This circuit uses a tapped-C matching net-
work, whereby the shunt C provides a low impedance path near the third harmonic frequency. Although an additional
component is required, the benefit of suppressing the third harmonic distortion may improve overall system intermodula-
tion. This network has been shown to provide better than 20dB of improved suppression in high-band mode.
L3
2.2 nH
R4
180
Ω
C4
100 pF
VCC
C11
2 pF
C12
1 pF
J4
RFOUT HB
C15
6 pF
C13
2 pF
J8
RFOUT LB
L4
10 nH
R6
130
Ω
C6
100 pF
VCC
Figure 1. Alternate RF output match with third-harmonic suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com