Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2498 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2498 Datasheet HTML 1Page - RF Micro Devices RF2498 Datasheet HTML 2Page - RF Micro Devices RF2498 Datasheet HTML 3Page - RF Micro Devices RF2498 Datasheet HTML 4Page - RF Micro Devices RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
8-304
RF2498
Rev A4 070308
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB
GPS Band
Freq=1575.42MHz
LNA (On)
LNA 50
Ω match
Gain
17.0
19.0
dB
IPSET=1
16
18
dB
IPSET=0
Noise Figure
1.3
1.7
dB
IPSET=1
1.25
1.7
dB
IPSET=0
Input IP3
+1.0
+5.0
dBm
IPSET=1
-5.0
-1.0
dBm
IPSET=0
Current
6.5
mA
IPSET=1
4.5
mA
IPSET=0
Isolation
20
dB
Mixer
LO IN=-4dBm
See note 1.
Gain
16
18
dB
Noise Figure
5.5
dB
High Side LO Injection.
7.0
dB
Low Side LO Injection.
Input IP3
-7.5
-5.5
dBm
Current
15.5
mA
Preamp/Mixer/LO Input Amps
LO to RF Isolation
dB
LO Frequency Range
1350
1800
MHz
High and Low Side LO Injection
LO Input Power Range
-10
-4
0
dBm
IF Frequency Range
0.1
183.6
400
MHz
Typical IF frequencies: 183.6MHz,
210.38MHz, 220.38MHz
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB
Control Lines
Input Capacitance
1
pF
BAND SEL, IF SEL, IP SET, LNA GAIN,
ENABLE, MIX GAIN, TX BUFF ENABLE,
/2 SELECT
Local Oscillator Input
Cellular - CDMA/FM/JCDMA
Input Power
-10
-4
0
dBm
Input Frequency
600
1078
MHz
See note 3. High and Low side injection.
1200
2156
MHz
See note 4. High and Low side injection.
PCS
Input Power
-10
-4
0
dBm
Input Frequency
1600
2300
MHz
High and Low Side LO Injection.
GPS
Input Power
-10
-4
0
dBm
Input Frequency
1350
1800
MHz
High and Low Side LO Injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com