Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2498 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2498 Datasheet HTML 4Page - RF Micro Devices RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices RF2498 Datasheet HTML 10Page - RF Micro Devices RF2498 Datasheet HTML 11Page - RF Micro Devices RF2498 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8-308
RF2498
Rev A4 070308
Cascaded Performance (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
Cellular CDMA Gain Control
Parameter
GPS
Cascaded:
High IIP3 LNA Mode, IPSET=1
IPSET=0
Gain (dB)
35.5
34.5
Noise Figure (dB)
1.6
1.6
Input IP3 (dBm)
-23.0
-22.0
Total Current (mA)
24
22
NOTE: Assumes 1.5dB image filter insertion loss. The TX
Buffer Enable is off. /2 Select is off.
Mode
LNA GAIN MIX GAIN
Comments
High Gain
1
1
IMD Test 1 and 2
Mid Gain
1
0
IMD Test 3 and 4
Low Gain
0
1
IMD Test 5 and 6 option 1
Ultra Low Gain
0
0
IMD test 5 and 6 option 2
Note: Contact RFMD for Application note on gain control PCBA layout and software recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com